Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52062702400 Datasheet(PDF) 7 Page - Sumida Corporation

Part # 52062702400
Description  E-Series SMT Chip Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

52062702400 Datasheet(HTML) 7 Page - Sumida Corporation

  52062702400 Datasheet HTML 1Page - Sumida Corporation 52062702400 Datasheet HTML 2Page - Sumida Corporation 52062702400 Datasheet HTML 3Page - Sumida Corporation 52062702400 Datasheet HTML 4Page - Sumida Corporation 52062702400 Datasheet HTML 5Page - Sumida Corporation 52062702400 Datasheet HTML 6Page - Sumida Corporation 52062702400 Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Elektrische Eigenschaften
Baugröße 0603
E-Serie 5206
Electrical Characteristics
Size 0603
E-Series 5206
GüteQüberFrequenzf
Q-Factorvs.Frequencyf
Spule auf Ferritkörper
0
5
10
15
20
1
10
100
1000
f [MHz]
1000 nH
820 nH
680 nH
1800 nH
2700 nH
InduktivitätLüberFrequenzf
InductanceLvs.Frequencyf
100
1000
10000
1
10
100
1000
f [MHz]
2700 nH
1800 nH
1000 nH
820 nH
680 nH
Coil on ferrite body
-74-


Similar Part No. - 52062702400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5206 MOLEX11-5206 Datasheet
23Kb / 1P
   JHTR5902 HAND CRIMP TOOL PRODUCT SPECIFICATION
logo
Tyco Electronics
5206514-1 MACOM-5206514-1 Datasheet
46Kb / 1P
   LOCKING POST KIT, AMPLIMITE
5206514-3 MACOM-5206514-3 Datasheet
46Kb / 1P
   LOCKING POST KIT, AMPLIMITE
5206514-4 MACOM-5206514-4 Datasheet
46Kb / 1P
   LOCKING POST KIT, AMPLIMITE
5206514-6 MACOM-5206514-6 Datasheet
46Kb / 1P
   LOCKING POST KIT, AMPLIMITE
More results

Similar Description - 52062702400

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5303 SUMIDA-5303 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
54X8 SUMIDA-54X8 Datasheet
1Mb / 8P
   HR-Series SMT Chip Inductors
5403 SUMIDA-5403 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5406 SUMIDA-5406 Datasheet
1Mb / 8P
   SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com