Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5303 Datasheet(PDF) 3 Page - Sumida Corporation

Part # 5303
Description  E-Series SMT Chip Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

5303 Datasheet(HTML) 3 Page - Sumida Corporation

  5303 Datasheet HTML 1Page - Sumida Corporation 5303 Datasheet HTML 2Page - Sumida Corporation 5303 Datasheet HTML 3Page - Sumida Corporation 5303 Datasheet HTML 4Page - Sumida Corporation 5303 Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bauteilabmessungen
Component Dimensions
Technische Informationen
Baugröße 1206
E-Serie 5303
Technical Details
Size 1206
E-Series 5303
Pad-Layout Empfehlung
Die Baugröße 1206 ist für die Pad
Layouts 1206 und 1210 geeignet.
Pad-Layout recommendation
Size 1206 is suitable for pad layouts
1206 and 1210.
a
b
a
b
c
2,0 ... 2,2
3,8 ... 4,2
1,6 ... 2,0
Maße /
Dimensions [mm]
- 89 -


Similar Part No. - 5303

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
53030C MURATA-53030C Datasheet
124Kb / 2P
   10A Current Sensing Transformers
logo
Murata Power Solutions ...
53030C MURATA-PS-53030C Datasheet
142Kb / 3P
   10A Current Sensing Transformers
2021
logo
Festo Corporation.
530320 FESTO-530320 Datasheet
93Kb / 1P
   Pressure regulator
3/17/22
530322 FESTO-530322 Datasheet
88Kb / 1P
   Pressure regulator
3/17/22
530326 FESTO-530326 Datasheet
93Kb / 1P
   Pressure regulator
3/17/22
More results

Similar Description - 5303

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5206 SUMIDA-5206 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
5308 SUMIDA-5308 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
   E-Series SMT Chip Inductors
54X8 SUMIDA-54X8 Datasheet
1Mb / 8P
   HR-Series SMT Chip Inductors
5403 SUMIDA-5403 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
   SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
   SMT Chip Inductors
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45_11 Datasheet
449Kb / 9P
   SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
   SMT Chip Inductors
logo
Sumida Corporation
5406 SUMIDA-5406 Datasheet
1Mb / 8P
   SMT Chip Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com