Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD-CQ7P Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LD-CQ7P
Description  SMD ceramic package with silicon resin with lens
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-CQ7P Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LD-CQ7P Datasheet HTML 5Page - OSRAM GmbH LD-CQ7P Datasheet HTML 6Page - OSRAM GmbH LD-CQ7P Datasheet HTML 7Page - OSRAM GmbH LD-CQ7P Datasheet HTML 8Page - OSRAM GmbH LD-CQ7P Datasheet HTML 9Page - OSRAM GmbH LD-CQ7P Datasheet HTML 10Page - OSRAM GmbH LD-CQ7P Datasheet HTML 11Page - OSRAM GmbH LD-CQ7P Datasheet HTML 12Page - OSRAM GmbH LD-CQ7P Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Vorläufige Daten / Preliminary Data
LD CQ7P
2011-09-01
9
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T
S)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 85 °C
600
0
0
200
400
80
Do not use current below 100 mA
20
40
60
˚C
100
140
S
T
800
F
1200
I
mA
OHL04650
0.8
-5
F
I
A
tp
s
OHL04184
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
IF
0.01
0.33
0.5
0.2
0.1
0.02
D
0.005
=
0.05
1
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.1
0.8
-5
F
I
A
tp
s
OHL04183
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
IF
0.01
0.33
0.5
0.2
0.1
0.02
D
0.005
=
0.05
1
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.1


Similar Part No. - LD-CQ7P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LD-CQAR OSRAM-LD-CQAR Datasheet
9Mb / 22P
   SMT ceramic package with silicone resin and silicone lens
LD-CQDP OSRAM-LD-CQDP Datasheet
1Mb / 23P
   SMT ceramic package with silicone resin and silicone lens
More results

Similar Description - LD-CQ7P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LACPDP OSRAM-LACPDP Datasheet
416Kb / 20P
   SMD ceramic package with silicon resin with lens
LCWCPDP.PC OSRAM-LCWCPDP.PC Datasheet
475Kb / 19P
   SMD ceramic package with silicon resin with lens
LCW-CQ7P.CC OSRAM-LCW-CQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
LCW-CQAR.PC OSRAM-LCW-CQAR.PC Datasheet
197Kb / 10P
   SMD ceramic package with silicon resin with lens
LUW-CP7P OSRAM-LUW-CP7P Datasheet
450Kb / 18P
   SMD ceramic package with silicon resin with lens
LCWCQ7P.CC OSRAM-LCWCQ7P.CC Datasheet
559Kb / 22P
   SMD ceramic package with silicon resin with lens
LCW-CP7P OSRAM-LCW-CP7P Datasheet
565Kb / 21P
   SMD ceramic package with silicon resin with lens
LACP7P OSRAM-LACP7P Datasheet
419Kb / 20P
   SMD ceramic package with silicon resin with lens
LDCP7P OSRAM-LDCP7P Datasheet
405Kb / 19P
   SMD ceramic package with silicon resin with lens
LHCPDP OSRAM-LHCPDP Datasheet
363Kb / 17P
   SMD ceramic package with silicon resin with lens
LUW-CPDP OSRAM-LUW-CPDP Datasheet
509Kb / 21P
   SMD ceramic package with silicon resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com