Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C474-40PC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C474-40PC
Description  8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C474-40PC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C474-40PC Datasheet HTML 1Page - Cypress Semiconductor CY7C474-40PC Datasheet HTML 2Page - Cypress Semiconductor CY7C474-40PC Datasheet HTML 3Page - Cypress Semiconductor CY7C474-40PC Datasheet HTML 4Page - Cypress Semiconductor CY7C474-40PC Datasheet HTML 5Page - Cypress Semiconductor CY7C474-40PC Datasheet HTML 6Page - Cypress Semiconductor CY7C474-40PC Datasheet HTML 7Page - Cypress Semiconductor CY7C474-40PC Datasheet HTML 8Page - Cypress Semiconductor CY7C474-40PC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY7C470
CY7C472
CY7C474
2
Maximum Ratings
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage............................................ –3.0V to +7.0V
Power Dissipation ..........................................................1.0W
Output Current, into Outputs (LOW) ............................ 20 mA
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Selection Guide
7C470–15
7C472–15
7C474–15
7C470–20
7C472–20
7C474–20
7C470–25
7C472–25
7C474–25
7C470–40
7C472–40
7C474–40
Frequency (MHz)
33.3
33.3
28.5
20
Maximum Access Time (ns)
15
20
25
40
Maximum Operating Current (mA)
Commercial
105
Military/Industrial
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial
–40
°C to +85°C
5V
± 10%
Military[1]
–55
°C to +125°C
5V
± 10%
Electrical Characteristics Over the Operating Range[2]
7C470–15
7C472–15
7C474–15
7C470–20
7C472–20
7C474–20
7C470–25
7C472–25
7C474–25
Parame-
ter
Description
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –2.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Com’l
2.2
2.2
V
Mil/Ind
2.2
2.2
VIL
Input LOW Voltage
0.8
0.8
0.8
V
IIX
Input Leakage Current
GND
≤ V
I ≤ VCC
–10
+10
–10
+10
–10
+10
µA
IOZ
Output Leakage Current
R
≥ V
IH, GND ≤ VO ≤ VCC
–10
+10
–10
+10
–10
+10
µA
ICC
Operating Current
VCC = Max.,
IOUT = 0 mA
Com’l
105
90
mA
Mil/Ind
110
95
ISB1
Standby Current
All Inputs =
VIH Min.
Com’l
25
25
mA
Mil/Ind
30
30
ISB2
Power-Down Current
All Inputs =
VCC –0.2V
Com’l
20
20
mA
Mil/Ind
25
25
IOS
[3]
Output Short Circuit Current
VCC = Max., VOUT = GND
–90
–90
–90
mA
Notes:
1.
TA is the “instant on” case temperature.
2.
See the last page of this specification for Group A subgroup testing information.
3.
Not more than one output should be tested at a time. Duration of the short circuit should not be more than one second.


Similar Part No. - CY7C474-40PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C474-40PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
   CMOS 512 x 9 FIFO
logo
List of Unclassifed Man...
VT7203 ETC-VT7203 Datasheet
431Kb / 8P
   2,048 X 9 FIFO MEMORY
VT7202 ETC-VT7202 Datasheet
431Kb / 8P
   1,024 X 9 FIFO MEMORY
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
   CMOS 1K X 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com