Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN27LV020-150 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EN27LV020-150
Description  2Megabit Low Voltage EPROM (256K x 8)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN27LV020-150 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EN27LV020-150 Datasheet HTML 2Page - List of Unclassifed Manufacturers EN27LV020-150 Datasheet HTML 3Page - List of Unclassifed Manufacturers EN27LV020-150 Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27LV020-150 Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27LV020-150 Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27LV020-150 Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27LV020-150 Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27LV020-150 Datasheet HTML 9Page - List of Unclassifed Manufacturers EN27LV020-150 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
Preliminary
6
EN27LV020 / EN27LV020B
MODE SELECT TABLE
Mode
CE
OE
PGM
A0
A1
A9
VPP
Output
Read
VIL
VIL
X
(2)
XX
X
VCC
DOUT
Output Disable
VIL
VIH
XX
X
X
VCC
High Z
Standby (TTL)
VIH
XX
X
X
X
VCC
High Z
Standby (CMOS)
VCC ± 0.3V
XX
X
X
X
VCC
High Z
Program
(4)
VIL
VIH
VIL
XX
X
VPP
DIN
Program Verify
VIL
VIL
VIH
XX
X
VPP
DOUT
Program Inhibit
VIH
XX
X
X
X
VPP
High Z
Manufacturer Code
(3)
VIL
VIL
X
VIL
VIH
VH
(1)
VCC
1C
Device Code
(3)
VIL
VIL
X
VIH
VIH
VH
(1)
VCC
02
NOTES:
1)
VH = 12.0V
± 0.5V
2)
X = Either VIH or VIL
3)
For Manufacturer Code and Device Code, A1 = VIH
When A1 = VIL, both codes will read 7F
4)
See DC Programming Characteristics for VPP voltage during programming
EON’S STANDARD PRODUCT IDENTIFICATION CODE
Pins
Hex
Data
Code
A0
A1
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Manufacturer
0100
0111
0
0
1C
Device Type
1100
0000
1
0
02
Continuation
0001
1111
1
1
7F
1001
1111
1
1
7F


Similar Part No. - EN27LV020-150

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN27LN1G08 EON-EN27LN1G08 Datasheet
888Kb / 41P
   1 Gigabit (128 M x 8), 3.3 V NAND Flash Memory
EN27LN2G08 EON-EN27LN2G08 Datasheet
3Mb / 56P
   2 Gigabit (256M x 8), 3.3 V NAND Flash Memory
EN27LN4G08 EON-EN27LN4G08 Datasheet
3Mb / 54P
   4 Gigabit (512M x 8), 3.3 V NAND Flash Memory
EN27LN51208 EON-EN27LN51208 Datasheet
2Mb / 46P
   512 Megabit (64 M x 8) SLC, 3.3 V NAND Flash Memory
More results

Similar Description - EN27LV020-150

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
Winbond
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com