Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN27LV020B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EN27LV020B
Description  2Megabit Low Voltage EPROM (256K x 8)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN27LV020B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EN27LV020B Datasheet HTML 1Page - List of Unclassifed Manufacturers EN27LV020B Datasheet HTML 2Page - List of Unclassifed Manufacturers EN27LV020B Datasheet HTML 3Page - List of Unclassifed Manufacturers EN27LV020B Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27LV020B Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27LV020B Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27LV020B Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27LV020B Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27LV020B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
Preliminary
1
EN27LV020 / EN27LV020B
FEATURES
• Read Access Time:
-90ns, -120ns, -150ns, -200ns
• Single +3.3V Power Supply
-Regulated power supply 3.0V - 3.6V
(EN27LV020
)
-Unregulated power supply 2.7V - 3.6V
(EN27LV020B for battery operated systems)
• Programming Voltage +12.75V
• QuikRiteTM Programming Algorithm
• Typical programming time 20µs
• Low Power CMOS Operation
• 1µA Standby (Typical)
• 15mA Operation (Max.)
• CMOS- and TTL-Compatible I/O
• High-Reliability CMOS Technology
• Latch-Up Immunity to 100mA
from -1V to VCC + 1V
• Two-Line Control ( OE & CE )
• Standard Product Identification Code
• JEDEC Standard Pinout
• 32-pin PDIP
• 32-pin PLCC
• 32-pin TSOP (Type 1)
• Commercial and Industrial Temperature
Ranges
GENERAL DESCRIPTION
The EN27LV020 / EN27LV020B is a low-voltage, low-power 2-Megabit, 3.3V one-time-
programmable (OTP) read-only memory (EPROM). Organized into 256K words with 8 bits per
word, it features QuikRite
TM single-address location programming, typically at 20
µs per byte. Any
byte can be accessed in less than 90ns. The EN27LV020 / EN27LV020B has separate Output
Enable ( OE ) and Chip Enable ( CE ) controls which eliminate bus contention issues.
The
EN27LV020 has a Vcc tolerance range of 3.0V to 3.6 V, making it suitable for use in systems
that have regulated power supplies. The EN27LV020B has a Vcc tolerance range of 2.7 V to
3.6V, making it an ideal device for battery operated systems.
FIGURE 1. PDIP
Pin Name
Function
A0-A17
Addresses
DQ0-DQ7
Outputs
CE
Chip Enable
OE
Output Enable
PGM
Program Strobe
A17
EN27LV020 / EN27LV020B 2Megabit Low Voltage EPROM (256K x 8)


Similar Part No. - EN27LV020B

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN27LN1G08 EON-EN27LN1G08 Datasheet
888Kb / 41P
   1 Gigabit (128 M x 8), 3.3 V NAND Flash Memory
EN27LN2G08 EON-EN27LN2G08 Datasheet
3Mb / 56P
   2 Gigabit (256M x 8), 3.3 V NAND Flash Memory
EN27LN4G08 EON-EN27LN4G08 Datasheet
3Mb / 54P
   4 Gigabit (512M x 8), 3.3 V NAND Flash Memory
EN27LN51208 EON-EN27LN51208 Datasheet
2Mb / 46P
   512 Megabit (64 M x 8) SLC, 3.3 V NAND Flash Memory
More results

Similar Description - EN27LV020B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
Winbond
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com