Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1357B-100AI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1357B-100AI
Description  9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1357B-100AI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1357B-100AI Datasheet HTML 5Page - Cypress Semiconductor CY7C1357B-100AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1357B-100AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1357B-100AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1357B-100AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1357B-100AI Datasheet HTML 10Page - Cypress Semiconductor CY7C1357B-100AI Datasheet HTML 11Page - Cypress Semiconductor CY7C1357B-100AI Datasheet HTML 12Page - Cypress Semiconductor CY7C1357B-100AI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
CY7C1355B
CY7C1357B
Document #: 38-05117 Rev. *B
Page 9 of 33
TMS
-
U2
R5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising
edge of TCK. If the JTAG feature is not being utilized, this
pin can be disconnected or connected to VDD. This pin is
not available on TQFP packages.
TCK
-
U4
R7
JTAG-Clock
Clock input to the JTAG circuitry. If the JTAG feature is
not being utilized, this pin must be connected to VSS. This
pin is not available on TQFP packages.
NC
16,38,39,42,
43,66,84
B1,C1,R1,
T1,T2,J3,
A4,D4,L4,
J5,R5,T6,
U6,B7,C7,
R7
A1,A11,B1,
B9,B11,C2,
C10,H1,H3,
H9,H10,N2,
N5,N6,N7,
N10,P1,P2,
P11,R2
-
No Connects. Not internally connected to the die.
18M,36M, 72M, 144M and 288M are address expansion
pins and are not internally connected to the die.
VSS/DNU
14
-
-
Ground/DNU
This pin can be connected to Ground or should be left
floating.
CY7C1357B–Pin Definitions
Name
TQFP
BGA
fBGA
I/O
Description
A0, A1, A
37,36,32,33,
34,35,44,45,
46,47,48,49,
50,80,81,82,
83,99,100
P4,N4,A2,
C2,R2,T2,
A3,B3,C3,
T3,A5,B5,
C5,T5,A6,
C6,R6,T6
R6,P6,A2,
A9,A10,A11,
B2,B10,P3,
P4,P8,P9,
P10,R3,R4,
R8,R9,R10,
R11
Input-
Synchronous
Address Inputs used to select one of the 512K address
locations. Sampled at the rising edge of the CLK. A[1:0]
are fed to the two-bit burst counter.
BWA,BWB
93,94
G3,L5
B5,A4
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with WE
to conduct Writes to the SRAM. Sampled on the rising
edge of CLK.
WE
88
H4
B7
Input-
Synchronous
Write Enable Input, active LOW. Sampled on the rising
edge of CLK if CEN is active LOW. This signal must be
asserted LOW to initiate a Write sequence.
ADV/LD
85
B4
A8
Input-
Synchronous
Advance/Load Input. Used to advance the on-chip ad-
dress counter or load a new address. When HIGH (and
CEN is asserted LOW) the internal burst counter is ad-
vanced. When LOW, a new address can be loaded into
the device for an access. After being deselected, ADV/LD
should be driven LOW in order to load a new address.
CLK
89
K4
B6
Input-
Clock
Clock Input. Used to capture all synchronous inputs to
the device. CLK is qualified with CEN. CLK is only recog-
nized if CEN is active LOW.
CE1
98
E4
A3
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising
edge of CLK. Used in conjunction with CE2, and CE3 to
select/deselect the device.
CE2
97
B2
B3
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising
edge of CLK. Used in conjunction with CE1 and CE3 to
select/deselect the device.
CE3
92
B6
A6
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising
edge of CLK. Used in conjunction with CE1 and CE2 to
select/deselect the device.
CY7C1355B–Pin Definitions (continued)
Name
TQFP
BGA
fBGA
I/O
Description


Similar Part No. - CY7C1357B-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1357A CYPRESS-CY7C1357A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1357A-100AC CYPRESS-CY7C1357A-100AC Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1357A-100AI CYPRESS-CY7C1357A-100AI Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1357A-133AC CYPRESS-CY7C1357A-133AC Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1357C CYPRESS-CY7C1357C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1357B-100AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
   4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com