Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1854B-050 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1854B-050
Description  Dual Temperature-Controlled Resistors with Two Monitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1854B-050 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1854B-050 Datasheet HTML 4Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 5Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 6Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 7Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 8Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 9Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 10Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 11Page - Maxim Integrated Products DS1854B-050 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Dual Temperature-Controlled Resistors with
Two Monitors
8
_____________________________________________________________________
DEVICE
ADDRESS
AD (AUXILIARY DEVICE ENABLE A0h)
MD (MAIN DEVICE ENABLE)
DEVICE ADDRESS
ADDRESS
ADDRESS
ADDRESS
R/W
R/W
TxF
DATA BUS
R/W
TxF
RxL
LOS
ADEN ADFIX
SDA
SCL
IN1
OUT1
2-WIRE
INTERFACE
MINT
INV1
Tx FAULT
IN2
RHIZ
MON1
MON2
VCC
GND
WPEN
OUT2
INV2
EEPROM
128 x 8 BIT
00h-7Fh
STANDARDS
PROT
AUX
AD
ADDRESS
TABLE
SELECT
R/W
EEPROM
72 x 8 BIT
80h-C7h
TABLE 02
RESISTOR 0
LOOK-UP
TABLE
PROT
MAIN
MD
EEPROM
72 x 8 BIT
80h-C7h
SRAM
32 x 8 BIT
60h-7Fh
NOT PROTECTED
PROT
MAIN
MD
TEMP INDEX
ALARM FLAGS
MUX
CTRL
MEASUREMENT
ADDRESS
TABLE
SELECT
R/W
EEPROM
72 x 8 BIT
80h-C7h
TABLE 03
RESISTOR 1
LOOK-UP
TABLE
PROT
MAIN
MD
TEMP INDEX
VCC
RRHIZ
RWPEN
MONITORS LIMIT
HIGH
MONITORS LIMIT
LOW
TABLE SELECT
TEMP INDEX
MINT (BIT)
INTERNAL
TEMP
VCC
MUX
A/D
12-BIT
A/D
CTRL
VCC
VCC
PROT AUX
PROT MAIN
MPEN
APEN
COMPARATOR
MEASUREMENT
ALARM FLAGS
MONITORS LIMIT LOW
MONITORS LIMIT HIGH
COMP CTRL
INTERRUPT
MINT
TABLE 01
EEPROM
16 x 8 BIT
80h-8Fh
VENDOR
PROT
MAIN
MD
R/W
DEVICE ADDRESS
ADDRESS
TABLE SELECT
MASKING (TMP, VCC, MON1, MON2)
ADFIX (BIT)
ADEN (BIT)
MPEN (BIT)
APEN (BIT)
INV2 (BIT)
INV1 (BIT)
RHIZ
RESISTOR 0
50k
Ω FULL SCALE
256 POSITIONS
L0
H0
RHIZ
RESISTOR 1
50k
Ω FULL SCALE
256 POSITIONS
L1
H1
Figure 1. DS1854 Block Diagram


Similar Part No. - DS1854B-050

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS185 LUMILEDS-DS185 Datasheet
1Mb / 21P
   Unique LED enabling limitless design freedom
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
logo
Dallas Semiconductor
DS1851E-010 DALLAS-DS1851E-010 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
DS1851E-010TR DALLAS-DS1851E-010TR Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
More results

Similar Description - DS1854B-050

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1859 MAXIM-DS1859 Datasheet
446Kb / 10P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors
Rev 1; 11/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
DS1856M MAXIM-DS1856M Datasheet
774Kb / 28P
   Dual, Temperature-Controlled Resistors with Calibrated Monitors and Password Protection
Rev 0; 7/12
DS1856 MAXIM-DS1856 Datasheet
469Kb / 31P
   Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors and Password Protection
Rev 1; 4/05
MAX6615 MAXIM-MAX6615 Datasheet
231Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 1; 7/05
MAX6615 MAXIM-MAX6615_08 Datasheet
191Kb / 20P
   Dual-Channel Temperature Monitors and Fan-Speed Controllers with Thermistor Inputs
Rev 2; 10/08
logo
Intersil Corporation
X9455 INTERSIL-X9455_06 Datasheet
327Kb / 19P
   Dual Two-wiper Digitally-Controlled Potentiometer
logo
Texas Instruments
LMP92066 TI1-LMP92066 Datasheet
1Mb / 63P
[Old version datasheet]   Dual Temperature-Controlled DAC
logo
Linear Technology
DC980A LINER-DC980A Datasheet
1Mb / 16P
   Monitors and Margins Two Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com