Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC16128NY-LY Datasheet(PDF) 11 Page - OPTREX CORPORATION

Part # DMC16128NY-LY
Description  LCD Module Specification
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTREX [OPTREX CORPORATION]
Direct Link  http://www.kyocera-display.eu
Logo OPTREX - OPTREX CORPORATION

DMC16128NY-LY Datasheet(HTML) 11 Page - OPTREX CORPORATION

Back Button DMC16128NY-LY Datasheet HTML 7Page - OPTREX CORPORATION DMC16128NY-LY Datasheet HTML 8Page - OPTREX CORPORATION DMC16128NY-LY Datasheet HTML 9Page - OPTREX CORPORATION DMC16128NY-LY Datasheet HTML 10Page - OPTREX CORPORATION DMC16128NY-LY Datasheet HTML 11Page - OPTREX CORPORATION DMC16128NY-LY Datasheet HTML 12Page - OPTREX CORPORATION DMC16128NY-LY Datasheet HTML 13Page - OPTREX CORPORATION DMC16128NY-LY Datasheet HTML 14Page - OPTREX CORPORATION DMC16128NY-LY Datasheet HTML 15Page - OPTREX CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DMC16128NY-LY
(AK)
No.98-0102
OPTREX CORPORATION
Page 11/15
OPTREX
6.Appearance Standards
6.1.Inspection conditions
The LCD shall be inspected under 40W white fluorescent light.
The distance between the eyes and the sample shall be more than 30cm.
All directions for inspecting the sample should be within 45゚against perpendicular line.
6.2.Definition of applicable Zones
A Zone : Active display area
B Zone : Area from outside of "A Zone" to validity viewing area
C Zone : Rest parts
A Zone + B Zone = Validity viewing area
A Zone
B Zone
C Zone
Bezel Flame
45゚


Similar Part No. - DMC16128NY-LY

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC16105 OPTREX-DMC16105 Datasheet
170Kb / 16P
   LCD Module Specification
DMC16105NY-LY OPTREX-DMC16105NY-LY Datasheet
170Kb / 16P
   LCD Module Specification
DMC16117A OPTREX-DMC16117A Datasheet
165Kb / 15P
   LCD Module Specification
More results

Similar Description - DMC16128NY-LY

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com