Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA11203 Datasheet(PDF) 4 Page - Ledil, Inc.

Part # FA11203
Description  ~35째 x 15째 oval beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA11203 Datasheet(HTML) 4 Page - Ledil, Inc.

  FA11203_18 Datasheet HTML 1Page - Ledil, Inc. FA11203_18 Datasheet HTML 2Page - Ledil, Inc. FA11203_18 Datasheet HTML 3Page - Ledil, Inc. FA11203_18 Datasheet HTML 4Page - Ledil, Inc. FA11203_18 Datasheet HTML 5Page - Ledil, Inc. FA11203_18 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCT
DATASHEET
FA11203_TINA-O
PHOTOMETRIC DATA (MEASURED):
LED
Oslon Black Flat
FWHM
37.0 + 10.0°
Efficiency
85 %
Peak intensity
5.800 cd/lm
Required components:
Last update: 17/05/2018
Subject to change without prior notice
4/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA11203_18

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA11203 CREE-FA11203 Datasheet
672Kb / 9P
   Tina series
More results

Similar Description - FA11203_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA13180 LEDIL-CA13180 Datasheet
2Mb / 4P
   ~60째 x 40째 oval beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
FA11199 LEDIL-FA11199_18 Datasheet
3Mb / 4P
   ~35째 x 15째 oval beam optimized for Osram Golden Dragon . Assembly with holder and installation tape.
CA12379 LEDIL-CA12379_18 Datasheet
5Mb / 11P
   ~35째 15째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA12404 LEDIL-CA12404_18 Datasheet
3Mb / 4P
   ~35째 15째 oval beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
FA11211 LEDIL-FA11211_18 Datasheet
2Mb / 5P
   ~50째 wide beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FA11212 LEDIL-FA11212_18 Datasheet
3Mb / 5P
   ~13째 spot beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FCX10854 LEDIL-FCX10854 Datasheet
2Mb / 4P
   ~45째 x 15째 oval beam for LUXEON Rebel. Assembly with white holder.
CA13179 LEDIL-CA13179 Datasheet
2Mb / 4P
   ~70째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
FA11210 LEDIL-FA11210_18 Datasheet
3Mb / 5P
   ~30° medium beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
17/05/2018
CA13100 LEDIL-CA13100 Datasheet
2Mb / 4P
   ~40째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com