Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C007A-20AC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C007A-20AC
Description  32K/16K x8, 32K/16K x9 Dual-Port Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C007A-20AC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C007A-20AC Datasheet HTML 1Page - Cypress Semiconductor CY7C007A-20AC Datasheet HTML 2Page - Cypress Semiconductor CY7C007A-20AC Datasheet HTML 3Page - Cypress Semiconductor CY7C007A-20AC Datasheet HTML 4Page - Cypress Semiconductor CY7C007A-20AC Datasheet HTML 5Page - Cypress Semiconductor CY7C007A-20AC Datasheet HTML 6Page - Cypress Semiconductor CY7C007A-20AC Datasheet HTML 7Page - Cypress Semiconductor CY7C007A-20AC Datasheet HTML 8Page - Cypress Semiconductor CY7C007A-20AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CY7C006A/CY7C007A
CY7C016A/CY7C017A
Document #: 38-06045 Rev. *C
Page 3 of 20
Pin Configurations (continued)
64-Pin TQFP
Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
16
I/O2L
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
VCC
GND
I/O0R
I/O1R
I/O2R
I/O3R
I/O4R
I/O5R
GND
VCC
A4L
A3L
A2L
A1L
A0L
GND
BUSYL
BUSYR
M/S
A0R
A1R
A2R
A3R
A4R
INTL
INTR
CY7C006A (16K x 8)
Selection Guide
CY7C006A
CY7C007A
CY7C016A
CY7C017A
-12[1]
CY7C006A
CY7C007A
CY7C016A
CY7C017A
-15
CY7C006A
CY7C007A
CY7C016A
CY7C017A
-20
Maximum Access Time (ns)
12
15
20
Typical Operating Current (mA)
195
190
180
Typical Standby Current for ISB1 (mA) (Both Ports TTL Level)
55
50
45
Typical Standby Current for ISB3 (mA) (Both Ports CMOS Level)
0.05
0.05
0.05


Similar Part No. - CY7C007A-20AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C007AV CYPRESS-CY7C007AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C007AV-20JC CYPRESS-CY7C007AV-20JC Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C007AV-20JI CYPRESS-CY7C007AV-20JI Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C007AV-25JC CYPRESS-CY7C007AV-25JC Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
More results

Similar Description - CY7C007A-20AC

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
   16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com