Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1357B-133BGI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1357B-133BGI
Description  9-Mb (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1357B-133BGI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1357B-133BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1357B-133BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1357B-133BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1357B-133BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1357B-133BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1357B-133BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1357B-133BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1357B-133BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C1357B-133BGI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
CY7C1355B
CY7C1357B
Document #: 38-05117 Rev. *B
Page 8 of 33
DQs
52,53,56,57,
58,59,62,63,
68,69,72,73,
74,75,78,79,
2,3,6,7,8,9,
12,13,18,19,
22,23,24,25,
28,29
K6,L6,M6,
N6,K7,L7,
N7,P7,E6,
F6,G6,H6,
D7,E7,G7,
H7,D1,E1,
G1,H1,E2,
F2,G2,H2,
K1,L1,N1,
P1,K2,L2,
M2,N2
M11,L11,
K11,J11,
J10,K10,
L10,M10,
D10,E10,
F10,G10,
D11,E11,
F11,G11,
D1,E1,F1,
G1,D2,E2,
F2,G2,J1,
K1,L1,M1,
J2,K2,L2
M2,
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an
on-chip data register that is triggered by the rising edge
of CLK. As outputs, they deliver the data contained in the
memory location specified by the addresses presented
during the previous clock rise of the Read cycle. The di-
rection of the pins is controlled by OE. When OE is assert-
ed LOW, the pins behave as outputs. When HIGH, DQs
and DQP[A:D] are placed in a three-state condition.The
outputs are automatically three-stated during the data
portion of a Write sequence, during the first clock when
emerging from a deselected state, and when the device
is deselected, regardless of the state of OE.
DQP[A:D]
51,80,1,30 P6,D6,D2,
P2
N11,C11,C1,
N1
I/O-
Synchronous
Bidirectional Data Parity I/O Lines. Functionally, these
signals are identical to DQs. During Write sequences,
DQP[A:D] is controlled by BW[A:D] correspondingly.
MODE
31
R3
R1
Input Strap Pin Mode Input. Selects the burst order of the device.
When tied to Gnd selects linear burst sequence. When
tied to VDD or left floating selects interleaved burst
sequence.
VDD
15,41,65,91 J2,C4,J4,
R4,J6
D4,D8,E4,
E8,F4,F8,
G4,G8,H2,
H4,H8,J4,
J8,K4,K8,
L4,L8,M4,
M8
Power Supply Power supply inputs to the core of the device.
VDDQ
4,11,20,27,
54,61,70,77
A1,F1,J1,
M1,U1,
A7,F7,J7,
M7,U7
C3,C9,D3,
D9,E3,E9,
F3,F9,G3,
G9,J3,J9,
K3,K9,L3,
L9,M3,M9,
N3,N9
I/O Power
Supply
Power supply for the I/O circuitry.
VSS
5,10,17,21,
26,40,55,60,
67,71,76,90
D3,E3,F3,
H3,K3,
M3,N3,
P3,D5,E5,
F5,H5,K5,
M5,N5,P5
C4,C5,C6,
C7,C8,D5,
D6,D7,E5,
E6,E7,F5,
F6,F7,G5,
G6,G7,H5,
H6,H7,J5,
J6,J7,K5,K6,
K7,L5,L6,L7,
M5,M6,M7,
N4,N8
Ground
Ground for the device.
TDO
-
U5
P7
JTAG serial
output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on the
negative edge of TCK. If the JTAG feature is not being
utilized, this pin should be left unconnected. This pin is not
available on TQFP packages.
TDI
-
U3
P5
JTAG serial
input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising
edge of TCK. If the JTAG feature is not being utilized, this
pin can be left floating or connected to VDD through a pull
up resistor. This pin is not available on TQFP packages.
CY7C1355B–Pin Definitions (continued)
Name
TQFP
BGA
fBGA
I/O
Description


Similar Part No. - CY7C1357B-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1357A CYPRESS-CY7C1357A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1357A-100AC CYPRESS-CY7C1357A-100AC Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1357A-100AI CYPRESS-CY7C1357A-100AI Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1357A-133AC CYPRESS-CY7C1357A-133AC Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1357C CYPRESS-CY7C1357C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1357B-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1353F CYPRESS-CY7C1353F Datasheet
324Kb / 13P
   4-Mb (256K x 18) Flow-through SRAM with NoBL Architecture
CY7C1355A CYPRESS-CY7C1355A Datasheet
563Kb / 28P
   256K x 36/512K x 18 Synchronous Flow-Thru SRAM with NoBL Architecture
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com