Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLO1-24-0002 Datasheet(PDF) 3 Page - Schurter Inc.

Part # DLO1-24-0002
Description  Linear Choke, open version, without socket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLO1-24-0002 Datasheet(HTML) 3 Page - Schurter Inc.

  DLO1-24-0002 Datasheet HTML 1Page - Schurter Inc. DLO1-24-0002 Datasheet HTML 2Page - Schurter Inc. DLO1-24-0002 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Suppression Chokes
DLO
https://www.schurter.com /PG81_82
EMC Products
In [A]
Ln [mH]
Rcu
[m
Ω]
fRES
[MHz]
Inductance
drop max [%]
A [mm]
B [mm]
C [mm] D [mm] Weight [g]
Packing unit [pcs.]
Order Number
3
0.1
70
8.2
20
20 mm
36 mm
10 mm
10 g
200
DLO1-24-0003
4.5
0.05
26
8.4
20
20 mm
15 mm
10 mm
0.9 mm
11 g
200
DLO1-24-0002
7
0.02
12
20.2
20
20 mm
36 mm
10 mm
1.2 mm
12 g
150
DLO1-24-0001
Rcu at Tu 20°C
Inductance drop at In
Derating at Tu >70°C: I = Inx ((125-Tu)/55)0.5
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - DLO1-24-0002

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLO1-24-0002 SCHURTER-DLO1-24-0002 Datasheet
471Kb / 2P
   Linear Choke, open version, without socket
DLO1-24-0002 SCHURTER-DLO1-24-0002 Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
DLO1-24-0002 SCHURTER-DLO1-24-0002 Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
04.01.2022
More results

Similar Description - DLO1-24-0002

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLO SCHURTER-DLO_18 Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
DLO SCHURTER-DLO Datasheet
471Kb / 2P
   Linear Choke, open version, without socket
DLO SCHURTER-DLO_V01 Datasheet
298Kb / 3P
   Linear Choke, open version, without socket
04.01.2022
DSO SCHURTER-DSO_V01 Datasheet
297Kb / 3P
   Storage Choke, open version, without socket
DSO SCHURTER-DSO_17 Datasheet
285Kb / 3P
   Storage Choke, open version, without socket
DSO SCHURTER-DSO Datasheet
447Kb / 2P
   Storage Choke, open version, without socket
DLFL SCHURTER-DLFL_17 Datasheet
252Kb / 3P
   Linear/Saturating Choke
DLNP SCHURTER-DLNP_17 Datasheet
208Kb / 2P
   Linear Choke, compact
DLNP SCHURTER-DLNP_V01 Datasheet
246Kb / 3P
   Linear Choke, compact
DLFL SCHURTER-DLFL Datasheet
420Kb / 2P
   Linear/Saturating Choke
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com