Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLH-14-0001 Datasheet(PDF) 1 Page - Schurter Inc.

Part # DLH-14-0001
Description  Linear Choke, high design
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLH-14-0001 Datasheet(HTML) 1 Page - Schurter Inc.

  DLH-14-0001 Datasheet HTML 1Page - Schurter Inc. DLH-14-0001 Datasheet HTML 2Page - Schurter Inc. DLH-14-0001 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Suppression Chokes
DLH
https://www.schurter.com /PG81_82
EMC Products
Linear Choke, high design
Approvals and Compliances
Description
- Linear choke
- THT-terminals
- Inductor vertically positioned in housing
Applications
- Smoothing RFI suppression choke
- RFI suppression choke
- Chopper amplifiers
- DC drives and stepper motor controls
- Switching power supplies
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product
Technical Data
Rated voltage
up to 600 VDC
Rated Current
0.45 - 7 A @ Ta 70 °C
Rated inductance
0.02 - 5.5 mH, Tol. ±15%
Power Operating Frequency
up to 20 kHz
Terminal Type
THT
Weight
4 - 38 g
Material: Housing
UL 94V-0
Sealing Compound
UL 94V-0
Isolation Voltage
2 kV eff., winding to ambient
Climatic Category
40/125/21 acc. to IEC 60068-1
Allowable Operation Temp.
-40 °C to 125 °C
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


Similar Part No. - DLH-14-0001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLH-14-0001 SCHURTER-DLH-14-0001 Datasheet
321Kb / 3P
   Linear Choke, high design
DLH-14-0001 SCHURTER-DLH-14-0001 Datasheet
322Kb / 3P
   Linear Choke, high design
04.01.2022
More results

Similar Description - DLH-14-0001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DLH SCHURTER-DLH_V01 Datasheet
322Kb / 3P
   Linear Choke, high design
04.01.2022
DLH SCHURTER-DLH_18 Datasheet
321Kb / 3P
   Linear Choke, high design
DLF SCHURTER-DLF Datasheet
383Kb / 2P
   Linear Choke, flat design
DLF SCHURTER-DLF_17 Datasheet
246Kb / 3P
   Linear Choke, flat design
DLF SCHURTER-DLF_V01 Datasheet
257Kb / 3P
   Linear Choke, flat design
04.01.2022
DSH SCHURTER-DSH_17 Datasheet
310Kb / 3P
   Storage Choke, high design
DSH SCHURTER-DSH Datasheet
449Kb / 3P
   Storage Choke, high design
DSH SCHURTER-DSH_18 Datasheet
320Kb / 3P
   Storage Choke, high design
DSH SCHURTER-DSH_V01 Datasheet
321Kb / 3P
   Storage Choke, high design
04.01.2022
DSF SCHURTER-DSF Datasheet
384Kb / 2P
   Storage Choke, flat design
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com