Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC5674 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5674
Description  14BIT 400 MSPS, 2 X/ 4X INTERPOLATING COMMS DAC DIGITAL TO ANALOG CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5674 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC5674 Datasheet HTML 6Page - Texas Instruments DAC5674 Datasheet HTML 7Page - Texas Instruments DAC5674 Datasheet HTML 8Page - Texas Instruments DAC5674 Datasheet HTML 9Page - Texas Instruments DAC5674 Datasheet HTML 10Page - Texas Instruments DAC5674 Datasheet HTML 11Page - Texas Instruments DAC5674 Datasheet HTML 12Page - Texas Instruments DAC5674 Datasheet HTML 13Page - Texas Instruments DAC5674 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
DAC5674
SLWS148 − SEPTEMBER 2003
www.ti.com
10
Figure 4
fO − Output Frequency − MHz
50
55
60
65
70
75
80
85
90
0369
12
15
18
VCC = 3.3 V
fS = 50 MSPS
IOUTfS = 20 mA
4x LL-Mode
SPURIOUS-FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
0 dBfS
−3 dBfS
−6 dBfS
Figure 5
fO − Output Frequency − MHz
50
55
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
VCC = 3.3 V
fS = 100 MSPS
IOUTfS = 20 mA
4x LL-Mode
SPURIOUS-FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
0 dBfS
−6 dBfS
−3 dBfS
Figure 6
f − Frequency − MHz
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
25
50
75
100
125
150
175
200
VCC = 3.3 V
fS = 100 MSPS
IOUTfS = 20 mA
4x LL-Mode
Fout = 10 MHz
POWER
vs
FREQUENCY
Figure 7
fO − Output Frequency − MHz
50
55
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
40
45
VCC = 3.3 V
fS = 100 MSPS
IOUTfS = 20 mA
4x LL-Mode
In Band = 0 − 50 MHz
IN-BAND
SPURIOUS-FREE DYNAMIC RANGE
vs
OUTPUT FREQUENCY
0 dBfS
−12 dBfS
−6 dBfS


Similar Part No. - DAC5674

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHP TI1-DAC5674IPHP Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPG4 TI1-DAC5674IPHPG4 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPR TI1-DAC5674IPHPR Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5674IPHPRG4 TI1-DAC5674IPHPRG4 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5674

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
[Old version datasheet]   14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
DAC5687IPZPR TI-DAC5687IPZPR Datasheet
2Mb / 79P
[Old version datasheet]   16-BIT, 500 MSPS 2?? INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z_15 Datasheet
2Mb / 58P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5681Z TI-DAC5681Z Datasheet
379Kb / 8P
[Old version datasheet]   16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
DAC5688 TI-DAC5688_15 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5689 TI-DAC5689_15 Datasheet
1Mb / 50P
[Old version datasheet]   16-BIT, 800 MSPS 2x??x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC5688 TI1-DAC5688_14 Datasheet
1Mb / 57P
[Old version datasheet]   DUAL-CHANNEL, 16-BIT, 800 MSPS, 2x??x INTERPOLATING DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Burr-Brown (TI)
ADS7891 BURR-BROWN-ADS7891 Datasheet
329Kb / 26P
   14BIT 3 MSPS LOW POWER SAR ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
[Old version datasheet]   14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com