Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2277APVC-12 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2277APVC-12
Description  6x86, K6 Clock Synthesizer/Driver for Desktop Mobile PCs with Intel 82430TX and 2 DIMMs or 3 SO-DIMMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2277APVC-12 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY2277APVC-12 Datasheet HTML 3Page - Cypress Semiconductor CY2277APVC-12 Datasheet HTML 4Page - Cypress Semiconductor CY2277APVC-12 Datasheet HTML 5Page - Cypress Semiconductor CY2277APVC-12 Datasheet HTML 6Page - Cypress Semiconductor CY2277APVC-12 Datasheet HTML 7Page - Cypress Semiconductor CY2277APVC-12 Datasheet HTML 8Page - Cypress Semiconductor CY2277APVC-12 Datasheet HTML 9Page - Cypress Semiconductor CY2277APVC-12 Datasheet HTML 10Page - Cypress Semiconductor CY2277APVC-12 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CY2277A
Document #: 38-07332 Rev. *A
Page 7 of 19
Notes:
6.
Electrical parameters are guaranteed with these operating conditions.
7.
Guaranteed by design and characterization. Not 100% tested in production.
8.
Power supply current will vary with number of outputs which are running.
Electrical Characteristics (-1, -3, -12)
Parameter
Description
Test Conditions
Min. Max. Unit
Electrical Characteristics (-1M, -7M, -12M)
Parameter
Description
Test Conditions
Min. Max. Unit
VIH
High-level Input Voltage
Except Crystal Inputs
2.0
V
VIL
Low-level Input Voltage
Except Crystal Inputs
0.8
V
VILiic
Low-level Input Voltage
SMBus inputs only
0.7
V
VOH
High-level Output Voltage[7] VDDQ2 = VDDCPU = 2.375V
IOH = 12.6 mA CPUCLK 1.75
V
IOH = 16.7mA IOAPIC
VOL
Low-level Output Voltage[7]
VDDQ2 = VDDCPU = 2.375V
IOL = 18.2 mA CPUCLK
0.4
V
IOL = 23.1 mA IOAPIC
VOH
High-level Output Voltage[7] VDDQ3, AVDD, VDDCPU = 3.135V
IOH = 32.2 mA SDRAM
2.4
V
IOH = 32.2 mA PCICLK
IOH = 32.2 mA USBCLK
IOH = 32.2 mA IOCLK
IOH = 32.2 mA REF0
IOH = 32.2 mA REF1
VOL
Low-level Output Voltage[7]
VDDQ3, AVDD, VDDCPU = 3.135V
IOL = 23.8 mA SDRAM
0.8V
V
IOL = 23.8 mA PCICLK
IOL = 23.8 mA USBCLK
IOL = 23.8 mA IOCLK
IOL = 23.8 mA REF0
IOL = 23.8 mA REF1
IIH
Input High Current
VIH = VDD
–10
+10
µA
IIL
Input Low Current
VIL = 0V, except PWR_SEL
10
µA
IIL
Input Low Current
VIL = 0V, PWR_SEL only
100
µA
IOZ
Output Leakage Current
Three-state
–10
+10
µA
IDD
Power Supply Current[7, 8]
VDD = 3.465V, VIN = 0 or VDD, Loaded Outputs, CPU = 66.67 MHz
250
mA
IDD
Power Supply Current[7, 8]
VDD = 3.465V, VIN = 0 or VDD, Unloaded Outputs
120
mA
IDDS
Power-down Current
Current draw in power-down state, PWR_SEL = VDD
150
µA


Similar Part No. - CY2277APVC-12

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2277APVC-12 SPECTRALINEAR-CY2277APVC-12 Datasheet
293Kb / 18P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel짰 82430TX and 2 DIMMs or 3 SO-DIMMs
More results

Similar Description - CY2277APVC-12

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2277A SPECTRALINEAR-CY2277A Datasheet
293Kb / 18P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop/ Mobile PCs with Intel짰 82430TX and 2 DIMMs or 3 SO-DIMMs
logo
Cypress Semiconductor
CY2273A CYPRESS-CY2273A Datasheet
168Kb / 14P
   Pentium짰/II, 6x86, K6 Clock Synthesizer/Driver for Desktop PCs with Intel 82430TX, 82440LX or ALI IV/IV, AGP and 3 DIMMs
CY2283 CYPRESS-CY2283 Datasheet
219Kb / 12P
   PentiumII, K6, 6x86 100-MHz Clock Synthesizer/Driver for Desktop PCs with ALI or VIA Chipsets, AGP and 3 DIMMs
CY2310ANZ CYPRESS-CY2310ANZ_05 Datasheet
187Kb / 8P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
logo
Alliance Semiconductor ...
ASM2I2310ANZ ALSC-ASM2I2310ANZ Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
logo
Cypress Semiconductor
CY2310ANZ CYPRESS-CY2310ANZ_09 Datasheet
264Kb / 9P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
CY2310ANZ CYPRESS-CY2310ANZ Datasheet
300Kb / 15P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
logo
ON Semiconductor
PCS2I2310ANZ ONSEMI-PCS2I2310ANZ Datasheet
153Kb / 11P
   3.3 V SDRAM Buffer for Mobile PCS with 4 SO-DIMMs
August, 2011 ??Rev. P2
logo
Cypress Semiconductor
CY2314ANZ CYPRESS-CY2314ANZ_08 Datasheet
237Kb / 8P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Alliance Semiconductor ...
ASM2I2318ANZ ALSC-ASM2I2318ANZ Datasheet
547Kb / 13P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com