Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSA3630A Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NSA3630A
Description  Temperature Compensated Crystal Oscillator with AFC function
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NSA3630A Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NSA3630A Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
Frequency
(MHz)
Specification Number
10
NSA3630A
12
NSA3630A
12.288
NSA3630A
12.8
NSA3630A
13
NSA3630A
14.4
NSA3630A
14.7456
NSA3630A
15
NSA3630A
15.36
NSA3630A
16
NSA3630A
16.368
NSA3630A
16.369
NSA3630A
16.384
NSA3630A
16.8
NSA3630A
18
NSA3630A
19.2
NSA3630A
19.44
NSA3630A
19.68
NSA3630A
20
NSA3630A
21.25
NSA3630B
22.4
NSA3630B
24
NSA3630B
24.576
NSA3630B
25
NSA3630B
26
NSA3630B
38.4
NSA3630C
40
NSA3630C
1803B_NT3225SA_AFC_e
NT3225SA
Temperature Compensated Crystal Oscillator
with AFC function(VC-TCXO)
Smartphone / Mobile phone, Wireless module, and GPS / GNSS module, etc.
Main Application
● Supports low power supply voltage.
(Supports DC +1.7V to +3.3V. Standard specification : +3.0V)
● Compact and light with a height, cubic volume, and weight of Max. 1.0 mm, 0.007
cm3, and 0.024g, respectively.
● With an AFC (Automatic Frequency Control) function.
● Low power consumption.
● A surface-mount crystal oscillator. (Reflow soldering is possible.)
● Lead-free. Meets the requirements for re-flow profiling using lead-free solder.
Features
Item
Model
NT3225SA
Nominal Frequency Range (MHz)
10 to 40
Standard Frequency (MHz)
10, 12, 12.288, 12.8, 13, 14.4,
14.7456, 15, 15.36, 16, 16.368,
16.369, 16.384, 16.8, 18, 19.2,
19.44, 19.68, 20, 21.25, 22.4, 24,
24.576, 25, 26
38.4, 40
Supply Voltage [VCC] (V)
+3.0
Load Impedance
10 kΩ//10 pF
Current Consumption (mA)
Max. 1.5
Max. 1.7
Output Voltage
Min. 0.8 V(p-p) (DC Coupling *1)
Frequency/Temperature
Characteristics
Max. ±2.5×10–6
Operating Temperature Range (°C)
–30 to +75
Storage Temperature Range (°C)
–40 to +85
Frequency/Voltage Coefficient
Max. ±0.3×10–6/+3.0 V±5 %
Frequency/Load Coefficient
Max. ±0.2×10–6/(10 kΩ//10 pF) ±10 %
Long-term Frequency Stability
Max. ±1.0×10–6/year
Frequency Control Range
±9.0×10–6 to ±15.0×10–6/+1.5 V±1 V
• Frequency setting conditions : Frequencies are set at normal temperatures (+25±2 °C).
*1. A DC-cut capacitor is not embedded in this crystal oscillator. Connect a DC-cut capacitor (1,000 pF) to
the line-out terminal of the oscillator.
Specifications
2.65
0.3
0.3
3.2 ± 0.2
2.24 ± 0.2
#1
#4
#2
#1
#2
#3
#4
#3
0.4 ± 0.1
(0.2 × 0.2)
Land pattern (Typical)
mm
#1
#2
#3
#4
Vcont
GND
OUTPUT
VCC
Terminal land connections
Dimensions
Please specify the model name, frequency,
and specification number when you order
products.
For further questions regarding
specifications, please feel free to contact us.
Specification Number


Similar Part No. - NSA3630A

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NSA3631A NDK-NSA3631A Datasheet
575Kb / 1P
   Temperature Compensated Crystal Oscillator
NSA3631B NDK-NSA3631B Datasheet
575Kb / 1P
   Temperature Compensated Crystal Oscillator
NSA3631C NDK-NSA3631C Datasheet
575Kb / 1P
   Temperature Compensated Crystal Oscillator
NSA3632A NDK-NSA3632A Datasheet
575Kb / 1P
   Temperature Compensated Crystal Oscillator
NSA3632B NDK-NSA3632B Datasheet
575Kb / 1P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - NSA3630A

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT2016SA_18 NDK-NT2016SA_18_03 Datasheet
610Kb / 1P
   Temperature Compensated Crystal Oscillator with AFC function
NT1612AA_18 NDK-NT1612AA_18_03 Datasheet
667Kb / 1P
   Temperature Compensated Crystal Oscillator with AFC function
NT2520SB_18 NDK-NT2520SB_18_03 Datasheet
610Kb / 1P
   Temperature Compensated Crystal Oscillator with AFC function
NT5032SC NDK-NT5032SC_18 Datasheet
581Kb / 1P
   Temperature Compensated Crystal Oscillator with AFC function
NT3225SA NDK-NT3225SA Datasheet
87Kb / 1P
   Crystal Oscillator Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO)
NT5032SC NDK-NT5032SC Datasheet
87Kb / 1P
   Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO)
NT3225SA NDK-NT3225SA_15 Datasheet
377Kb / 2P
   Temperature Compensated Crystal Oscillator with AFC Function (VC-TCXO) NT3225S Series
NT2016SA NDK-NT2016SA Datasheet
253Kb / 1P
   Temperature-Compensated Crystal Oscillator with AFC Function (VC-TCXO) NT2016S Series
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com