Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C007A-12AC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C007A-12AC
Description  32K/16K x8, 32K/16K x9 Dual-Port Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C007A-12AC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C007A-12AC Datasheet HTML 1Page - Cypress Semiconductor CY7C007A-12AC Datasheet HTML 2Page - Cypress Semiconductor CY7C007A-12AC Datasheet HTML 3Page - Cypress Semiconductor CY7C007A-12AC Datasheet HTML 4Page - Cypress Semiconductor CY7C007A-12AC Datasheet HTML 5Page - Cypress Semiconductor CY7C007A-12AC Datasheet HTML 6Page - Cypress Semiconductor CY7C007A-12AC Datasheet HTML 7Page - Cypress Semiconductor CY7C007A-12AC Datasheet HTML 8Page - Cypress Semiconductor CY7C007A-12AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
32K/16K x8, 32K/16K x9
Dual-Port Static RAM
CY7C006A/CY7C007A
CY7C016A/CY7C017A
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-06045 Rev. *C
Revised April 11, 2005
Features
• True dual-ported memory cells which allow
simultaneous access of the same memory location
• 16K x 8 organization (CY7C006A)
• 32K x 8 organization (CY7C007A)
• 16K x 9 organization (CY7C016A)
• 32K x 9 organization (CY7C017A)
• 0.35-micron CMOS for optimum speed/power
• High-speed access: 12[1]/15/20 ns
• Low operating power
— Active: ICC = 180 mA (typical)
— Standby: ISB3 = 0.05 mA (typical)
• Fully asynchronous operation
• Automatic power-down
• Expandable data bus to 16/18 bits or more using
Master/Slave chip select when using more than one
device
• On-chip arbitration logic
• Semaphores included to permit software handshaking
between ports
•INT flags for port-to-port communication
• Pin select for Master or Slave
• Commercial temperature range
• Available in 68-pin PLCC (CY7C006A, CY7C007A and
CY7C017A), 64-pin TQFP (CY7C006A), and in 80-pin
TQFP (CY7C007A and CY7C016A)
For the most recent information, visit the Cypress web site at www.cypress.com
Notes:
1. See page 7 for Load Conditions.
2. I/O0–I/O7 for x8 devices; I/O0–I/O8 for x9 devices.
3. BUSY is an output in master mode and an input in slave mode.
4. A0–A13 for 16K; A0–A14 for 32K devices.
I/O
Control
Address
Decode
A0L–A13/14L
CEL
OEL
R/WL
BUSYL
I/O
Control
Interrupt
Semaphore
Arbitration
SEML
INTL
M/S
Logic Block Diagram
A0L–A13/14L
True Dual-Ported
RAM Array
A0R–A13/14R
CER
OER
R/WR
BUSYR
SEMR
INTR
Address
Decode
A0R–A13/14R
[2]
[2]
[3]
[3]
R/WL
OEL
I/O0L–I/O7/8L
CEL
R/WR
OER
I/O0R–I/O7/8R
CER
14/15
8/9
14/15
8/9
14/15
14/15
[4]
[4]
[4]
[4]
CY7C006A
CY7C007A
CY7C017A32K/16K x 8, 32K x 9
Dual-Port Static RAM


Similar Part No. - CY7C007A-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C007AV CYPRESS-CY7C007AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C007AV-20JC CYPRESS-CY7C007AV-20JC Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C007AV-20JI CYPRESS-CY7C007AV-20JI Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C007AV-25JC CYPRESS-CY7C007AV-25JC Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
More results

Similar Description - CY7C007A-12AC

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
   16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com