Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSA3503B Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NSA3503B
Description  Temperature Compensated Crystal Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NSA3503B Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NSA3503B Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Oscillator
1803D_NT2016SD_t-sensor_e
Temperature Compensated Crystal Oscillator(TCXO)
with temperature sensor voltage output and E/D function for high-precision GPS
NT2016SD
Smartphone / Mobile phone, Wireless module, and GPS / GNSS module, etc.
Main Application
● Supports low power supply voltage.
(Supports DC +1.7V to +3.3V. Standard specification : +1.8V)
● A crystal oscillator with highly stable frequency / temperature characteristics best
suited for GPS.
● Ultra-compact and light with a height, cubic volume, and weight of Max. 0.8 mm, 0.0022
cm3, and 0.008 g, respectively.
● A surface-mount crystal oscillator. (Reflow soldering is possible.)
● Lead-free. Meets the requirements for re-flow profiling using lead-free solder.
● Temperature sensor voltage output function (0.95V typ. @+25°C, -8.7mV/°C typ.)
● With Enable / Disable(Stand-by) function.
● With an AFC (Automatic Frequency Control) function.(Option)
Features
Item
Model
NT2016SD
Nominal Frequency (MHz)
10 to 52
Standard Frequency (MHz)
16.368
16.369
19.2
26
33.6
38.4
54
Supply Voltage [VCC] (V)
+1.8
Load Impedance
10 kΩ//10 pF
Current
Consumption
Enable (mA)
Max. 1.5
Max. 1.7
Max. 2.0
Disable ( μA)
Max. 3
Output voltage
Min. 0.8 V(p-p) (DC Coupling *1)
Frequency/Temperature
Characteristics
Max. ±0.5×10–6
Operating Temperature Range (°C)
–30 to +85
Storage Temperature Range (°C)
–40 to +85
Frequency/Voltage Coefficient
Max. ±0.1×10–6/+1.8 V±5 %
Frequency/Load Coefficient
Max. ±0.1×10–6/(10 kΩ//10 pF) ±10 %
Long-term Frequency Stability
Max. ±1.0×10–6/year
Temperature Sensor Output Voltage
0.95V typ.@25°C, -8.7mV/°C typ.
Specification Number
NSA3503A
NSA3503A
NSA3503A NSA3503B
NSA3503B NSA3503C NSA3503D
• Frequency setting conditions : Frequencies are set at normal temperatures (+25±2 °C).
*1. A DC-cut capacitor is not embedded in this crystal oscillator. Connect a DC-cut capacitor (1,000 pF) to the line-out terminal of the oscillator.
Specifications
mm
#1
#2
#3
#4
#5
#6
N/C or GND
(ground recommended)
Enable/Disable
GND
OUTPUT
TSENS.
VCC
Terminal land connections
#1
#2
#4
#5
#6
#4
#5
#6
#3
#1
#2
#3
2.0±0.1
(0.6)
(1.2)
(0.5)
(0.6)
(1.2)
(0.5)
0.4±0.1
Dimensions
Please specify the model name, frequency, and
specification number when you order products.
For further questions regarding specifications, please
feel free to contact us.


Similar Part No. - NSA3503B

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NSA3502B NDK-NSA3502B Datasheet
616Kb / 1P
   Temperature Compensated Crystal Oscillator
NSA3502C NDK-NSA3502C Datasheet
616Kb / 1P
   Temperature Compensated Crystal Oscillator
NSA3502D NDK-NSA3502D Datasheet
616Kb / 1P
   Temperature Compensated Crystal Oscillator
NSA3506A NDK-NSA3506A Datasheet
611Kb / 1P
   Temperature Compensated Crystal Oscillator
NSA3506B NDK-NSA3506B Datasheet
611Kb / 1P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - NSA3503B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com