Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C006A-20JC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C006A-20JC
Description  32K/16K x8, 32K/16K x9 Dual-Port Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C006A-20JC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C006A-20JC Datasheet HTML 2Page - Cypress Semiconductor CY7C006A-20JC Datasheet HTML 3Page - Cypress Semiconductor CY7C006A-20JC Datasheet HTML 4Page - Cypress Semiconductor CY7C006A-20JC Datasheet HTML 5Page - Cypress Semiconductor CY7C006A-20JC Datasheet HTML 6Page - Cypress Semiconductor CY7C006A-20JC Datasheet HTML 7Page - Cypress Semiconductor CY7C006A-20JC Datasheet HTML 8Page - Cypress Semiconductor CY7C006A-20JC Datasheet HTML 9Page - Cypress Semiconductor CY7C006A-20JC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CY7C006A/CY7C007A
CY7C016A/CY7C017A
Document #: 38-06045 Rev. *C
Page 6 of 20
Maximum Ratings[7]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................–65
°C to +150°C
Ambient Temperature with
Power Applied.............................................–55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.3V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage[8] .........................................–0.5V to +7.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage............................................ >2001V
Latch-Up Current..................................................... >200 mA
Notes:
7. The Voltage on any input or I/O pin cannot exceed the power pin during power-up.
8. Pulse width < 20 ns.
9. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except output enable). f = 0 means no address or control lines change. This applies only to inputs at CMOS level standby ISB3.
10. Tested initially and after any design or process changes that may affect these parameters.
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
CY7C006A
CY7C007A
CY7C016A
CY7C017A
Unit
-12[1]
-15
-20
Min.
Typ.
Max.
Min.
Typ.
Max. Min.
Typ.
Max.
VOH
Output HIGH Voltage
(VCC = Min., IOH = –4.0 mA)
2.4
2.4
2.4
V
VOL
Output LOW Voltage
(VCC = Min., IOH = +4.0 mA)
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
IOZ
Output Leakage Current
–10
10
–10
10
–10
10
µA
ICC
Operating Current
(VCC = Max., IOUT = 0 mA)
Outputs Disabled
Com’l.
195
325
190
280
180
275
mA
Ind.
215
305
mA
ISB1
Standby Current
(Both Ports TTL Level)
CEL & CER ≥ VIH, f = fMAX
Com’l.
55
75
50
70
45
65
mA
Ind.
65
95
mA
ISB2
Standby Current
(One Port TTL Level)
CEL | CER ≥ VIH, f = fMAX
Com’l.
125
205
120
180
110
160
mA
Ind.
135
205
mA
ISB3
Standby Current
(Both Ports CMOS Level)
CEL & CER ≥ VCC − 0.2V,
f = 0
Com’l.
0.05
0.5
0.05
0.5
0.05
0.5
mA
Ind.
0.05
0.5
mA
ISB4
Standby Current
(One Port CMOS Level)
CEL | CER ≥ VIH, f = fMAX[8, 9]
Com’l.
115
185
110
160
100
140
mA
Ind.
125
175
mA
Capacitance Table[10]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF


Similar Part No. - CY7C006A-20JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C006A-20JXC CYPRESS-CY7C006A-20JXC Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C006A-20JXC CYPRESS-CY7C006A-20JXC Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
More results

Similar Description - CY7C006A-20JC

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
   16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com