Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EV3428-L-00A Datasheet(PDF) 4 Page - Monolithic Power Systems

Part No. EV3428-L-00A
Description  17A, 600kHz, 20V Wide Input Synchronous Boost Converter EV Board
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPS [Monolithic Power Systems]
Homepage  http://www.monolithicpower.com
Logo 

EV3428-L-00A Datasheet(HTML) 4 Page - Monolithic Power Systems

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV3428-L-00A―17A, 600kHz, 20V WIDE INPUT SYNCHRONOUS BOOST CONVERTER EV BOARD
EV3428-L-00A Rev.1.1
www.MonolithicPower.com
4
11/5/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the evaluation board.
VIN = 3.3V, VOUT = 12V, IOUT=2.1A, L = 1.5µH, TA = 25°C, MODE=float, RSENSE=5mΩ, unless
otherwise noted.
VOUT
5V/div.
VIN
5V/div.
VSW
10V/div.
IL
5A/div.
VOUT
5V/div.
VIN
5V/div.
VSW
10V/div.
IL
2A/div.
VOUT
5V/div.
VIN
5V/div.
VSW
10V/div.
IL
5A/div.
VOUT
5V/div.
VEN
5V/div.
VSW
10V/div.
IL
2A/div.
VOUT
5V/div.
VEN
5V/div.
VSW
10V/div.
IL
5A/div.
VOUT
5V/div.
VEN
5V/div.
VSW
10V/div.
IL
2A/div.
VOUT
AC Coupled
500mV/div.
VOUT
5V/div.
VEN
5V/div.
VSW
10V/div.
VSW
10V/div.
IL
5A/div.
ILOAD
1A/div.
VOUT
AC Coupled
500mV/div.
VSW
10V/div.
ILOAD
1A/div.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn