Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EV3428-L-00A Datasheet(PDF) 2 Page - Monolithic Power Systems

Part No. EV3428-L-00A
Description  17A, 600kHz, 20V Wide Input Synchronous Boost Converter EV Board
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPS [Monolithic Power Systems]
Homepage  http://www.monolithicpower.com
Logo 

EV3428-L-00A Datasheet(HTML) 2 Page - Monolithic Power Systems

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV3428-L-00A―17A, 600kHz, 20V WIDE INPUT SYNCHRONOUS BOOST CONVERTER EV BOARD
EV3428-L-00A Rev.1.1
www.MonolithicPower.com
2
11/5/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MODE
SENSE
IN
VDD
EN
SS
SDR
OUT
FB
COMP
MP3428
U1
1.5uH
L1
20m
R4a
EN
VIN=3-10V
VOUT=12V
100k
R5
NS
R6
22uF
C1A
33nF
C4
0.1uF
C6
0
R7
2.2uF
C3
300k
R1
34k
R2
27k
R3
6.8nF
C5
NS
R8
22uF
C2A
NS
D1
22uF
C1C
22uF
C2B
22uF
C2C
22uF
C1B
Si4386
Q1
20m
20m
20m
R4b
R4c
R4d
EV3428-L-00A BILL OF MATERIALS
Qty
Value
Designator
Description
Manufacturer Manufacturer P/N
Package
6
22μF
C1A, C1B,
C1C, C2A,
C2B, C2C
25V, ceramic Capacitor
muRata
GRM32R71E226KL
1210
1
2.2μF
C3
25V, ceramic Capacitor
muRata
GRM21AR71E225KL
0805
1
33nF
C4
50V ceramic capacitor
muRata
GRM188R71H333KL
0603
1
6.8nF
C5
50V ceramic capacitor
muRata
GRM188R71H682KL
0603
1
0.1μF
C6
50V, ceramic Capacitor
muRata
GRM188R71H104KL
0603
1
300k
R1
Film resistor, 1%
YAGEO
RC0603FR-07300KL
0603
1
34k
R2
Film resistor, 1%
YAGEO
RC0603FR-0734KL
0603
1
27k
R3
Film resistor, 1%
YAGEO
RC0603FR-0727KL
0603
4
20m
R4a, R4b,
R4c, R4d
low ohmic Film resistor,
1%
YAGEO
PR0805FKF070R020L
0805
1
100k
R5
Film resistor, 5%
YAGEO
RC0603JR-07100KL
0603
0
NS
R6, R8
0603
1
0
R7
Film resistor, 5%
YAGEO
RC0603JR-070RL
0603
0
NS
D1
SOD-323
1
1.5μH
L1
6.6mOhm, 14A inductor
Wurth
744311150
SMD
1
Si4386
Q1
30V, 8mOhm 15A, N-
Channel MOS
VISHAY
Si4386DY
SOIC8
1
MP3428
U1
3~20V, 17A, 600kHz
boost converter
MPS
MP3428GL
QFN22-3*4


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn