Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH70D45BT150NP-471MC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH70D45BT150NP-471MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH70D45BT150NP-471MC Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH70D45BT150NP-471MC Datasheet HTML 1Page - Sumida Corporation CDRH70D45BT150NP-471MC Datasheet HTML 2Page - Sumida Corporation CDRH70D45BT150NP-471MC Datasheet HTML 3Page - Sumida Corporation CDRH70D45BT150NP-471MC Datasheet HTML 4Page - Sumida Corporation CDRH70D45BT150NP-471MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Power Inductor
CDRH70D45B/T150
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 4 of 5
Ver.1.2 (December 21, 2016)
www.sumida.com
CDRH70D45BT150NP-220MC
CDRH70D45BT150NP-330MC
CDRH70D45BT150NP-470MC
CDRH70D45BT150NP-680MC
CDRH70D45BT150NP-101MC
CDRH70D45BT150NP-151MC
CDRH70D45BT150NP-221MC
CDRH70D45BT150NP-331MC
CDRH70D45BT150NP-471MC
0
10
20
30
40
50
60
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
1.0
2.0
3.0
Idc(A)
0
10
20
30
40
50
0.0
10.0
20.0
30.0
40.0
50.0
0.0 0.5 1.0 1.5 2.0 2.5
Idc(A)
0
10
20
30
40
50
60
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0.0 0.5 1.0 1.5 2.0 2.5
Idc(A)
0
10
20
30
40
50
0.0
20.0
40.0
60.0
80.0
100.0
0.0
0.5
1.0
1.5
2.0
Idc(A)
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
Idc(A)
0
10
20
30
40
50
0
50
100
150
200
250
0.0
0.5
1.0
1.5
Idc(A)
0
10
20
30
40
50
60
0
50
100
150
200
250
300
0.0 0.2 0.4 0.6 0.8 1.0
Idc(A)
0
10
20
30
40
50
0
100
200
300
400
500
0.0
0.2
0.4
0.6
0.8
Idc(A)
0
10
20
30
40
50
60
0
100
200
300
400
500
600
0.0 0.1 0.2 0.3 0.4 0.5 0.6
Idc(A)
Saturation Current & Temperature Rise Graph
L (25℃)
L (150℃)
⊿T


Similar Part No. - CDRH70D45BT150NP-471MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH70D45BT150NP-470MC SUMIDA-CDRH70D45BT150NP-470MC Datasheet
198Kb / 1P
   LED Head light for Automobile
More results

Similar Description - CDRH70D45BT150NP-471MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com