Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2CC1810OC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2CC1810OC
Description  1:10 Clock Fanout Buffer with Output Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC1810OC Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY2CC1810OC Datasheet HTML 1Page - Cypress Semiconductor CY2CC1810OC Datasheet HTML 2Page - Cypress Semiconductor CY2CC1810OC Datasheet HTML 3Page - Cypress Semiconductor CY2CC1810OC Datasheet HTML 4Page - Cypress Semiconductor CY2CC1810OC Datasheet HTML 5Page - Cypress Semiconductor CY2CC1810OC Datasheet HTML 6Page - Cypress Semiconductor CY2CC1810OC Datasheet HTML 7Page - Cypress Semiconductor CY2CC1810OC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
COMLINK™ SERIES
CY2CC1810
Document #: 38-07055 Rev. *C
Page 8 of 8
Document History Page
Document Title: CY2CC1810 1:10 Clock Fanout Buffer with Output Enable
Document #: 38-07055
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
107080
06/07/01
IKA
Convert from IMI to Cypress format
*A
114316
05/08/02
TSM
∆ I
DD validation
*B
119147
10/07/02
RGL
Added 5.8 as the Max. value for VIH in the DC Parameters @3.3V table.
Changed the Max. value of the VIH from 5.8 to 5.0 in the DC Parameters
@2.5V table.
*C
122742
12/14/02
RBI
Added power up requirements to maximum ratings information.


Similar Part No. - CY2CC1810OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC1910 CYPRESS-CY2CC1910 Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2CC1910OC CYPRESS-CY2CC1910OC Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2CC1910OCT CYPRESS-CY2CC1910OCT Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2CC1910OI CYPRESS-CY2CC1910OI Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2CC1910OIT CYPRESS-CY2CC1910OIT Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
More results

Similar Description - CY2CC1810OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC1910 CYPRESS-CY2CC1910 Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_08 Datasheet
472Kb / 11P
   1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910 Datasheet
133Kb / 8P
   1:10 Clock Fanout Buffer
logo
Renesas Technology Corp
IDT8T53S111I RENESAS-IDT8T53S111I Datasheet
841Kb / 19P
   1:10 LVPECL Output Fanout Buffer
2019
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com