Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH6D28NP-150NC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH6D28NP-150NC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH6D28NP-150NC Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH6D28NP-150NC Datasheet HTML 1Page - Sumida Corporation CDRH6D28NP-150NC Datasheet HTML 2Page - Sumida Corporation CDRH6D28NP-150NC Datasheet HTML 3Page - Sumida Corporation CDRH6D28NP-150NC Datasheet HTML 4Page - Sumida Corporation CDRH6D28NP-150NC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Power Inductor
CDRH6D28
Page 4 of 5
Revised: 9-Jan-17
0
15
30
45
60
75
90
0.0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0.0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
13. CDRH6D28NP-330NC
△T (℃)
L (μH)
DC (A)
DC (A)
14. CDRH6D28NP-390NC
△T (℃)
L (μH)
△T (℃)
15. CDRH6D28NP-470NC
L (μH)
DC (A)
△T (℃)
16. CDRH6D28NP-560NC
L (μH)
DC (A)
△T (℃)
17. CDRH6D28NP-680NC
L (μH)
DC (A)
△T (℃)
18. CDRH6D28NP-820NC
L (μH)
DC (A)
△T (℃)
19. CDRH6D28NP-101NC
L (μH)
DC (A)
L (20℃)
△T
L (105℃)


Similar Part No. - CDRH6D28NP-150NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH6D28NP-150NC SUMIDA-CDRH6D28NP-150NC Datasheet
178Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH6D28NP-150NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com