Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH6D28NP-6R0NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH6D28NP-6R0NC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH6D28NP-6R0NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH6D28NP-6R0NC Datasheet HTML 1Page - Sumida Corporation CDRH6D28NP-6R0NC Datasheet HTML 2Page - Sumida Corporation CDRH6D28NP-6R0NC Datasheet HTML 3Page - Sumida Corporation CDRH6D28NP-6R0NC Datasheet HTML 4Page - Sumida Corporation CDRH6D28NP-6R0NC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Power Inductor
CDRH6D28
Page 2 of 5
Revised: 9-Jan-17
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Rated current: The DC current at which the inductance decreases to 65% of it's nominal value or when △t=30℃,
whichever is lower (Ta=20℃).
Part Name
Stamp
Inductance
(
μH)
[within] ※1
D.C.R.(Ω)
Max. (Typ.)
(at 20℃)
Rated Current
(A) ※2
CDRH6D28NP-3R0NC
3R0
3.0±30%
24m (18m)
3.00
CDRH6D28NP-3R9NC
3R9
3.9±30%
27m (20m)
2.60
CDRH6D28NP-5R0NC
5R0
5.0±30%
31m (23m)
2.40
CDRH6D28NP-6R0NC
6R0
6.0±30%
35m (26m)
2.25
CDRH6D28NP-7R3NC
7R3
7.3±30%
54m (40m)
2.10
CDRH6D28NP-8R6NC
8R6
8.6±30%
58m (43m)
1.85
CDRH6D28NP-100NC
100
10±30%
65m (48m)
1.70
CDRH6D28NP-120NC
120
12±30%
70m (52m)
1.55
CDRH6D28NP-150NC
150
15±30%
84m (62m)
1.40
CDRH6D28NP-180NC
180
18±30%
95m (70m)
1.32
CDRH6D28NP-220NC
220
22±30%
128m (95m)
1.20
CDRH6D28NP-270NC
270
27±30%
142m(105m)
1.05
CDRH6D28NP-330NC
330
33±30%
165m(122m)
0.97
CDRH6D28NP-390NC
390
39±30%
210m(156m)
0.86
CDRH6D28NP-470NC
470
47±30%
238m(176m)
0.80
CDRH6D28NP-560NC
560
56±30%
277m(205m)
0.73
CDRH6D28NP-680NC
680
68±30%
304m(225m)
0.65
CDRH6D28NP-820NC
820
82±30%
390m(290m)
0.60
CDRH6D28NP-101NC
101
100±30%
535m(397m)
0.54


Similar Part No. - CDRH6D28NP-6R0NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH6D28NP-6R0NC SUMIDA-CDRH6D28NP-6R0NC Datasheet
178Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH6D28NP-6R0NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com