Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2CC1810SCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2CC1810SCT
Description  1:10 Clock Fanout Buffer with Output Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC1810SCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2CC1810SCT Datasheet HTML 1Page - Cypress Semiconductor CY2CC1810SCT Datasheet HTML 2Page - Cypress Semiconductor CY2CC1810SCT Datasheet HTML 3Page - Cypress Semiconductor CY2CC1810SCT Datasheet HTML 4Page - Cypress Semiconductor CY2CC1810SCT Datasheet HTML 5Page - Cypress Semiconductor CY2CC1810SCT Datasheet HTML 6Page - Cypress Semiconductor CY2CC1810SCT Datasheet HTML 7Page - Cypress Semiconductor CY2CC1810SCT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
COMLINK™ SERIES
CY2CC1810
Document #: 38-07055 Rev. *C
Page 3 of 8
Power Supply Characteristics (See Figure 1)
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
ICC
Delta ICC Quiescent
Power Supply Current
(IDD @ VDD = Max. and VIN = VDD) – (IDD @ VDD =
Max. and VIN = VDD – 0.6V)
50
uA
ICCD
Dynamic Power Supply
Current
VDD = Max.
Input toggling 50% Duty Cycle,
Outputs Open
fL= fMAX
OE# = VDD
0.63
mA/
MHz
IC
Total Power Supply
Current
VDD = Max.
Input toggling 50% Duty Cycle,
Outputs Open fL = 40 MHz
fL=100 MHz
OE# = GND
25
mA
High-frequency Parametrics
Parameter
Description
Test Conditions
Min.
Typ
Max
Unit
DJ
Jitter, Deterministic
50% duty cycle tW(50–50)
The “point to point load circuit”
|Output Jitter – Input Jitter|
See Figure 8
20
ps
Fmax
Maximum frequency
VDD = 3.3V
50% duty cycle tW(50–50)
Standard Load Circuit.
See Figure 6
160
MHz
50% duty cycle tW(50–50)
The “point to point load circuit”
See Figure 8
200
Fmax(20)
Maximum frequency
VDD = 3.3 V
20% duty cycle tW(20–80)
The “point to point load circuit”
VIN = 3.0V/0.0V VOUT = 2.3V/0.4V
See Figure 8
200
MHz
Maximum frequency
VDD = 2.5 V
The “point to point load circuit”
VIN = 2.4V/0.0V VOUT = 1.7V/0.7V
See Figure 3
100
tW
Minimum pulse
VDD = 3.3 V
The “point to point load circuit”
VIN = 3.0V/0.0V F = 100 MHz
VOUT = 2.0V/0.8V
See Figure 7
2ns
Minimum pulse
VDD = 2.5 V
The “point to point load circuit”
VIN = 2.4V/0.0V F = 100 MHz
VOUT = 1.7V/0.7V
See Figure 2
1
AC Switching Characteristics @ 3.3V VDD = 3.3V ± 5%, TA = –40°C to +85°C (See Figure 6)
Parameter
Description
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay – Low to High
See Figure 9
1.5
3
3.9
nS
tPHL
Propagation Delay – High to Low
1.5
3
3.9
nS
tPHZ
Propagation Delay – High to High Z
See Figure 10
4nS
tPLZ
Propagation Delay – Low to High Z
3
nS
tR
Output Rise Time
See Figure 9
0.8
V/nS
tF
Output Fall Time
0.8
V/nS
tSK(0)
Output Skew: Skew between outputs of the same package (in
phase)
See Figure 12
0.2
nS
tSK(p)
Pulse Skew: Skew between opposite transitions of the same output
(tPHL – tPLH)
See Figure 11
0.2
nS
tSK(t)
Package Skew: Skew between outputs of different packages at the
same power supply voltage, temperature and package type.
See Figure 13
0.3
nS
tOFF
Delay from OE to Driver Off
4.0
nS
tON
Delay from OE to Driver on
4.0
nS


Similar Part No. - CY2CC1810SCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC1910 CYPRESS-CY2CC1910 Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2CC1910OC CYPRESS-CY2CC1910OC Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2CC1910OCT CYPRESS-CY2CC1910OCT Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2CC1910OI CYPRESS-CY2CC1910OI Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2CC1910OIT CYPRESS-CY2CC1910OIT Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
More results

Similar Description - CY2CC1810SCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC1910 CYPRESS-CY2CC1910 Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_08 Datasheet
472Kb / 11P
   1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910 Datasheet
133Kb / 8P
   1:10 Clock Fanout Buffer
logo
Renesas Technology Corp
IDT8T53S111I RENESAS-IDT8T53S111I Datasheet
841Kb / 19P
   1:10 LVPECL Output Fanout Buffer
2019
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com