Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C006A Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C006A
Description  32K/16K x8, 32K/16K x9 Dual-Port Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C006A Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C006A Datasheet HTML 3Page - Cypress Semiconductor CY7C006A Datasheet HTML 4Page - Cypress Semiconductor CY7C006A Datasheet HTML 5Page - Cypress Semiconductor CY7C006A Datasheet HTML 6Page - Cypress Semiconductor CY7C006A Datasheet HTML 7Page - Cypress Semiconductor CY7C006A Datasheet HTML 8Page - Cypress Semiconductor CY7C006A Datasheet HTML 9Page - Cypress Semiconductor CY7C006A Datasheet HTML 10Page - Cypress Semiconductor CY7C006A Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CY7C006A/CY7C007A
CY7C016A/CY7C017A
Document #: 38-06045 Rev. *C
Page 7 of 20
AC Test Loads (Applicable to -12 only)[11]
Note:
11. Test Conditions: C = 10 pF.
AC Test Loads and Waveforms
(a) Normal Load (Load 1)
R1 = 893
5V
OUTPUT
R2 = 347
C= 30 pF
VTH =1.4V
OUTPUT
C= 30 pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay(Load 2)
R1 = 893
R2 = 347
5V
OUTPUT
C= 5 pF
RTH = 250Ω
(Used for tLZ, tHZ, tHZWE, & tLZWE
including scope and jig)
VTH =1.4V
OUTPUT
C
(a) Load 1 (-12 only)
R = 50
Z0 = 50Ω
3.0V
GND
90%
90%
10%
3ns
3 ns
10%
ALL INPUT PULSES
0. 00
0. 1 0
0. 20
0. 30
0. 40
0. 50
0. 60
0. 70
0. 80
0. 90
1. 00
10
15
20
25
30
35
(b) Load Derating Curve
Capacitance (pF)


Similar Part No. - CY7C006A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C006A-20AC CYPRESS-CY7C006A-20AC Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C006A-20AC CYPRESS-CY7C006A-20AC Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C006A-20AXC CYPRESS-CY7C006A-20AXC Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY7C006A-20AXC CYPRESS-CY7C006A-20AXC Datasheet
613Kb / 22P
   16 K 횞 8 Dual-Port Static RAM
CY7C006A-20AXI CYPRESS-CY7C006A-20AXI Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
More results

Similar Description - CY7C006A

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CX263 AVERLOGIC-AL4CX263 Datasheet
41Kb / 2P
   16K/32K/64K/128K x9, 8K/16K/32K/64K x18 Synchronous FIFO
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C138AV CYPRESS-CY7C138AV Datasheet
544Kb / 20P
   3.3V 4K/8K/16K/32K x 8/9 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com