Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ300A Datasheet(PDF) 5 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMAJ300A
Description  Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ300A Datasheet(HTML) 5 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ300A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ300A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ300A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ300A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMAJ300A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMAJ300A Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited SMAJ300A Datasheet HTML 7Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Transient Voltage Suppressor
SMAJ5.0--SMAJ440CA
SMA601AA
www.gmesemi.com
Rev.B
Production specification
Type
Device
marking code
Breakdown
Voltage
VBR@IT
Test
Current
Reverse
Standoff
Voltage
Max.
Reverse
Leakage@
VRWM
Max. Peak
Pulse
Current
Max.
Clamping
Voltage
@IPP
UNI
BI
V
IT
VRWM
IR
IPP
VC
Min
Max
m A
V
u A
A
V
SMAJ150
ASL
AVL
167
204
1.0
150
5.0
1.5
268
SMAJ150A
ASM
AVM
167
185
1.0
150
5.0
1.6
243
SMAJ160
ASN
AVN
178
218
1.0
160
5.0
1.4
287
SMAJ160A
ASP
AVP
178
197
1.0
160
5.0
1.5
259
SMAJ170
ASQ
AVQ
189
231
1.0
170
5.0
1.3
304
SMAJ170A
ASR
AVR
189
209
1.0
170
5.0
1.5
275
SMAJ175
AEL
AFL
194.6
237.8
1.0
175
5.0
1.3
309.8
SMAJ175A
AEM
AFM
194.6
215.2
1.0
175
5.0
1.4
280.3
SMAJ180
ATW
AUW
200
245
1.0
180
5.0
1.2
321
SMAJ180A
ATX
AUX
200
221
1.0
180
5.0
1.4
291
SMAJ188
AST
AVT
209
255
1.0
188
5.0
1.2
344
SMAJ188A
ASS
AVS
209
231
1.0
188
5.0
1.2
328
SMAJ200
ASU
AVU
222
272
1.0
200
5.0
1.1
356
SMAJ200A
ASV
AVV
222
246
1.0
200
5.0
1.2
323
SMAJ220
ASW
AVW
245
299
1.0
220
5.0
1.0
392
SMAJ220A
ASX
AVX
245
270
1.0
220
5.0
1.1
355
SMAJ240
ASY
AVY
267
326
1.0
240
5.0
0.9
428
SMAJ240A
ASZ
AVZ
267
295
1.0
240
5.0
1.0
388
SMAJ250
ATS
AUS
278
340
1.0
250
5.0
0.9
446
SMAJ250A
ATT
AUT
278
307
1.0
250
5.0
1.0
404
SMAJ300
ATF
AUF
333
408
1.0
300
5.0
0.7
535
SMAJ300A
ATG
AUG
333
368
1.0
300
5.0
0.8
485
SMAJ350
ATQ
AUQ
389
476
1.0
350
5.0
0.6
624
SMAJ350A
ATR
AUR
389
430
1.0
350
5.0
0.7
565
SMAJ360
ATH
AUH
400
489
1.0
360
5.0
0.6
642
SMAJ360A
ATK
AUK
400
442
1.0
360
5.0
0.7
582
SMAJ400
ATL
AUL
445
544
1.0
400
5.0
0.6
713
SMAJ400A
ATM
AUM
445
491
1.0
400
5.0
0.6
646
SMAJ440
ATN
AUN
489
598
1.0
440
5.0
0.5
784
SMAJ440A
ATP
AUP
489
540
1.0
440
5.0
0.6
711


Similar Part No. - SMAJ300A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMAJ300A LITTELFUSE-SMAJ300A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
SeCoS Halbleitertechnol...
SMAJ300A SECOS-SMAJ300A Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
logo
Socay Electornics Co., ...
SMAJ300A SOCAY-SMAJ300A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Formosa MS
SMAJ300A FORMOSA-SMAJ300A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
logo
SAMYANG ELECTRONICS CO....
SMAJ300A SAMYANG-SMAJ300A Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMAJ300A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com