Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3562AR Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA3562AR
Description  LCD Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3562AR Datasheet(HTML) 3 Page - Sony Corporation

  CXA3562AR Datasheet HTML 1Page - Sony Corporation CXA3562AR Datasheet HTML 2Page - Sony Corporation CXA3562AR Datasheet HTML 3Page - Sony Corporation CXA3562AR Datasheet HTML 4Page - Sony Corporation CXA3562AR Datasheet HTML 5Page - Sony Corporation CXA3562AR Datasheet HTML 6Page - Sony Corporation CXA3562AR Datasheet HTML 7Page - Sony Corporation CXA3562AR Datasheet HTML 8Page - Sony Corporation CXA3562AR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
– 3 –
CXA3562AR
Pin Description
Pin
No.
Symbol
I/O
Standard
voltage level
Equivalent circuit
Description
VDD
140k
60k
60k
100µ
1k
1k
140k
8k
GND
2
3
VDD
GND
192
50k
4
PECL
differential
(amplitude
0.4V or more
between
VDD to 2V)
or TTL input
High:
≥2.0V
Low:
≤0.8V
High:
≥2.0V
Low:
≤0.8V
High:
≥2.0V
Low:
≤0.8V
VDD
GND
192
50k
5
VDD
GND
192
50k
9
8
7
6
VDD
VCC
GND
30k
20µ
16
VDD
VCC
GND
30k
10µ
17
1 to 5.0V
0 to 5.0V
I
SIG_OFST
17
I
SIG.C
16
I
POSCTR0
POSCTR1
POSCTR2
POSCTR3
6
7
8
9
I
SHST
5
I
FRP
4
I
MCLK
MCLKX
2
3
Dot clock input.
PECL differential input or TTL
input. For TTL input, input to
MCLK and connect MCLKX to
GND through a capacitor.
LCD panel AC drive inversion
timing input.
High: inverted
Low: non-inverted
See the Timing Chart.
Internal sample-and-hold timing
circuit reset pulse input.
This pin is also used as the
offset cancel level insertion
timing input.
A reset is applied to the internal
timing generator at the falling
edge.
Output phase adjustment.
The output phase is adjusted in
MCLK period units when
SL_DAT (Pin 72) is high, and in
1/2 MCLK period units when
SL_DAT is low.
Signal center voltage (inversion
folded voltage) adjustment input.
The SH_OUT output center
voltage can be adjusted in the
range from 7.0 to 8.0V.
Output signal offset adjustment
from signal center voltage.
The SH_OUT output 100%
white level (at 3FF input) voltage
can be adjusted in the range
from 0 to 1V from the center
voltage.


Similar Part No. - CXA3562AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3562R SONY-CXA3562R Datasheet
340Kb / 24P
   LCD Driver
More results

Similar Description - CXA3562AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA7000R SONY-CXA7000R Datasheet
278Kb / 23P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7107C NEOTEC-NT7107C Datasheet
547Kb / 21P
   LCD driver
Rev1.0 2015/08/17
NT7108C NEOTEC-NT7108C Datasheet
596Kb / 25P
   LCD driver
Rev1.0 2015/08/17
logo
Sanyo Semicon Device
LC7582 SANYO-LC7582 Datasheet
378Kb / 9P
   LCD Driver
logo
Sony Corporation
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
CXA3562R SONY-CXA3562R Datasheet
340Kb / 24P
   LCD Driver
logo
Neotec Semiconductor Lt...
NT7108D NEOTEC-NT7108D Datasheet
354Kb / 24P
   LCD driver
Rev 1.0 2015/08/12
NT7063B NEOTEC-NT7063B Datasheet
313Kb / 11P
   LCD Driver
Version 1.3
NT7107D NEOTEC-NT7107D Datasheet
367Kb / 21P
   LCD driver
Rev1.0 2015/08/12
NT7086PQ NEOTEC-NT7086PQ Datasheet
672Kb / 31P
   LCD Driver
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com