Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74017 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # 74017
Description  On the Direct Conversion Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

74017 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  74017 Datasheet HTML 1Page - Skyworks Solutions Inc. 74017 Datasheet HTML 2Page - Skyworks Solutions Inc. 74017 Datasheet HTML 3Page - Skyworks Solutions Inc. 74017 Datasheet HTML 4Page - Skyworks Solutions Inc. 74017 Datasheet HTML 5Page - Skyworks Solutions Inc. 74017 Datasheet HTML 6Page - Skyworks Solutions Inc. 74017 Datasheet HTML 7Page - Skyworks Solutions Inc. 74017 Datasheet HTML 8Page - Skyworks Solutions Inc. 74017 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CX74017
On the Direct Conversion Receiver
4
Skyworks Solutions, Inc., Proprietary and Confidential
101735A
Preliminary Data Subject to Change
July 20, 2001
101735A 6_071801
RF band-select
filter
LNA
Wideband filter
RF
IF
RF
DC
0f
f
Wideband IF
f
0
LPF
LPF
Image-reject
filter
Figure 6. Wideband IF with Double Conversion.
Direct Conversion Receivers
Direct conversion reception, also referred to as homodyne, or
zero-IF, shown in Figure 7, is the most natural solution to
receiving information vehicled by a carrier. However, it has only
been a decade or so that this type of reception has found
applications other than pagers, for example [13]. For it has
several qualities which make it very suitable for integration as
well as multi-band, multi-standard operation, but severe inherent
obstacles that had for long kept it in the shadow of the
superheterodyne.
RF band-select
filter
LNA
RF
DC
LPF
RF
f
DC
0f
LPF
101735A 7_071801
Figure 7. The Direct Conversion Receiver
First, the image problem is no longer present, since the IF is
zero and the image to the desired channel, for all but single-
sideband signals, is the channel itself. Then, only one LO is
needed, which means only one phase noise contribution. The
need for the bulky, off-chip filters is consequently removed.
Filtering now only occurs at low, that is, baseband, frequencies
with some amplification. This means less current consumption
than at higher frequencies (to drive device parasitics), fewer
components, lower cost, etc. Practically, however, strong out-of-
band interferers or blockers may need to be removed prior to
downconversion in order to avoid desensitizing the receiver by
saturating subsequent stages, as well as producing harmonics
and intermodulation terms, which then appear in baseband.
Such a filter may be placed after the LNA, for example.
DCR, however, brings its own set of issues. The following
paragraphs describe those in more detail.
DC offsets
In direct conversion, as the signal of interest is converted to
baseband very early in the receive chain, without any filtering
other than RF band-selection, various phenomena contribute to
the creation of DC signals, which are directly appearing as
interfering signals in the band of interest.
The LO may be conducted or radiated through an unintended
path to the mixer’s RF input port, thus effectively mixing with
itself, producing an unwanted DC component at the mixer
output, see Figure 8.
Worse still, this LO leakage may reach the LNA input, producing
an even stronger result. This effect presents a high barrier
against the integration of LO, mixer, and LNA on a single silicon
substrate, where numerous mechanisms can contribute to poor
isolation. These include substrate coupling, ground bounce,
bond wire radiation, and capacitive and magnetic coupling.


Similar Part No. - 74017

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
74017 OKI-74017 Datasheet
405Kb / 12P
   MODULATOR/DEMODULATOR FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
More results

Similar Description - 74017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Linear Technology
LTM9004 LINER-LTM9004_15 Datasheet
1Mb / 28P
   14-Bit Direct Conversion Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com