Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX74017 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # CX74017
Description  On the Direct Conversion Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CX74017 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  CX74017 Datasheet HTML 1Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 2Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 3Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 4Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 5Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 6Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 7Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 8Page - Skyworks Solutions Inc. CX74017 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
On the Direct Conversion Receiver
CX74017
101735A
Skyworks Solutions, Inc., Proprietary and Confidential
3
July 20, 2001
Preliminary Data Subject to Change
101735A 3_071801
RF
Σ
cos(
ω
LOt)
sin(
ω
LOt)
-f
LO
+f
LO
f
IF
0
-f
IF
f
IF
0
j
+f
IF
0
-f
IF
90
°
f
IF
0
-f
IF
+f
IF
0
-f
IF
Figure 3. Hartley Image-Reject Architecture
101735A 4_071801
RF
Σ
cos(
ω
1t)
sin(
ω
1t)
+
-
-f
1
+f
1
0
-f
2
f
2
0
j
cos(
ω
2t)
sin(
ω
2t)
0
0
0
+f
2
0
-f
2
0
0
f
2
Figure 4. Weaver Image-Reject Architecture
Low IF Single Conversion Receiver
Low IF single conversion, see Figure 5, is an offspring of the
DCR, and is covered in the following paragraphs. Its main
purpose is to protect the receiver from all the direct current
(DC)-related obstacles that pertain to DCR, while retaining the
DCR’s benefit of the elimination of high-Q IF filters. As its name
indicates, instead of directly converting the signal to baseband,
the LO is slightly offset from the RF carrier, typically one to two
channels. The low IF means that the fractional bandwidth of the
IF bandpass filtering is large, making it possible to implement it
with low-Q components. The IF SAW, or crystal filter needed in
the high IF case, can be replaced with an active resistive
capacitor (RC) filter or other filter suitable for low frequency
operation that is also conducive to silicon integration. The low IF
signal may be translated to baseband through another mixer, or
preferably, in the digital domain following analog-to-digital (A/D)
conversion. Of course, this comes at the expense of faster and
higher resolution analog-to-digital converters (ADCs). If the IF
frequency is equal to only one or two channel widths, then it is
not possible to provide image-rejection at radio frequency (RF),
as the RF filter must be wide enough to pass all channels of the
system. In this case, all image rejection must come from the
quadrature downconversion to the low IF, which itself resembles
the Hartley architecture, once the baseband conversion is
added.
101735A 5_072001
Image-reject
filter
LNA
RF
Low IF
BPF
RF
Low IF
0f
f
BPF
Figure 5. Low IF Single-Conversion Receiver
Wideband IF with double conversion
This architecture, shown in Figure 6, is very similar to the
superheterodyne. In this case, the first mixer utilizes an LO that
is at a fixed frequency, and all RF band channels are translated
to IF, retaining their positions relative to one another. The
second mixer utilizes a tunable LO, thus selecting the desired
channel to be translated to baseband. A subsequent lowpass
filter suppresses adjacent channels.


Similar Part No. - CX74017

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX74001 SKYWORKS-CX74001 Datasheet
664Kb / 23P
   Rx ASIC for CDMA, AMPS, and PCS Applications
logo
List of Unclassifed Man...
CX74002 ETC-CX74002 Datasheet
204Kb / 2P
   Silicon Germanium CDMA Transmit/Dual PLL RFlC
logo
Skyworks Solutions Inc.
CX74005 SKYWORKS-CX74005 Datasheet
349Kb / 14P
   VGA I/Q Demodulator Rx ASIC for Portable Phone Applications
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
CX74037 CONEXANT-CX74037 Datasheet
106Kb / 11P
   Transmit RF IC for TDMA or AMPS Applications
More results

Similar Description - CX74017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
Linear Technology
LTM9004 LINER-LTM9004_15 Datasheet
1Mb / 28P
   14-Bit Direct Conversion Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com