Electronic Components Datasheet Search |
|
SMCJ300 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
SMCJ300 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
1 / 7 page Transient Voltage Suppressor SMCJ5.0--SMCJ440CA SMC601AA www.gmesemi.com Rev.B Production specification Features Glass passivated junction Low incremental surge resistance, excellent clamping capability Underwriters Laboratory Recognition under UL standard for safety 497B: Isolated Loop Circuit Protection Low profile package with built-in strain relief for surface mounted applications 15 00W peak pulse power capability with a 10/1000μs waveform, repetition rate (duty cycle): 0.01% Very fast response time High temperature soldering guaranteed: 250°C/10 seconds at terminals Mechanical Data Case: SMC molded plastic Molding compound, UL flammability classification rating 94V-0 Terminals: Solder plated, solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode end Devices for Bidirectional Applications For bi-directional devices, use suffix C or CA (e.g. SMCJ10C, SMCJ10CA). Electrical characteristics apply in both directions. Maximum Ratings (@TA = 25°C unless otherwise specified) NOTES: 1. Non-repetitive current pules, per Fig. 3 and derated above TA=25 per Fig. 2. 2. Mounted on minimum recommended pad layout. 3. Mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pads to each terminal. Parameter Symbol Value Units Peak power dissipation with a 10/1000μs waveform (NOTE 1,2, FIG.1) PPPM Minimum 1500 W Peak pulse current with a 10/1000μs waveform (NOTE 1) IPPM See Table Below A Typical thermal resistance, junction to ambient ( (NOTE 2) R θ JA 100 ℃/W Peak forward surge current, 8.3ms single half sine-wave uni-directional only (NOTE 3) IFSM 100 A Typical thermal resistance, junction to lead R θ J L 20 ℃/W Operating junction and storage temperature range TJ, TSTG -55---+150 ℃ |
Similar Part No. - SMCJ300 |
|
Similar Description - SMCJ300 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |