Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ90A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMBJ90A
Description  Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ90A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ90A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ90A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ90A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ90A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMBJ90A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMBJ90A Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited SMBJ90A Datasheet HTML 7Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Transient Voltage Suppressor
SMBJ5.0--SMBJ440CA
SMB601AA
www.gmesemi.com
Rev.B
Production specification
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Type
Breakdown
Voltage VBR@IT
Test
Current
Reverse
Standoff
Voltage
Max. Reverse
Leakage@
VRWM
Max. Peak
Pulse
Current
Max.
Clamping
Voltage
@IPP
V
IT
VRWM
IR
IPP
VC
Min
Max
m A
V
u A
A
V
SMBJ5.0
6.40
7.82
10
5.0
800
62.5
9.6
SMBJ5.0A
6.40
7.07
10
5.0
800
65.2
9.2
SMBJ6.0
6.67
8.15
10
6.0
800
52.6
11.4
SMBJ6.0A
6.67
7.37
10
6.0
800
58.3
10.3
SMBJ6.5
7.22
8.82
10
6.5
500
48.8
12.3
SMBJ6.5A
7.22
7.98
10
6.5
500
53.6
11.2
SMBJ6.8
7.56
9.24
10
6.8
200
49.5
12.1
SMBJ6.8A
7.56
8.35
10
6.8
200
54.6
11.0
SMBJ7.0
7.78
9.51
10
7.0
200
45.1
13.3
SMBJ7.0A
7.78
8.60
10
7.0
200
50.0
12.0
SMBJ7.5
8.33
10.2
1.0
7.5
100
42.0
14.3
SMBJ7.5A
8.33
9.21
1.0
7.5
100
46.5
12.9
SMBJ8.0
8.89
10.9
1.0
8.0
50
40.0
15.0
SMBJ8.0A
8.89
9.83
1.0
8.0
50
44.1
13.6
SMBJ8.5
9.44
11.5
1.0
8.5
20
37.7
15.9
SMBJ8.5A
9.44
10.4
1.0
8.5
20
41.7
14.4
SMBJ9.0
10.0
12.2
1.0
9.0
10
35.5
16.9
SMBJ9.0A
10.0
11.1
1.0
9.0
10
39.0
15.4
SMBJ10
11.1
13.6
1.0
10
5.0
31.9
18.8
SMBJ10A
11.1
12.3
1.0
10
5.0
35.3
17.0
SMBJ11
12.2
14.9
1.0
11
5.0
29.9
20.1
SMBJ11A
12.2
13.5
1.0
11
5.0
33.0
18.2
SMBJ12
13.3
16.3
1.0
12
5.0
27.3
22.0
SMBJ12A
13.3
14.7
1.0
12
5.0
30.2
19.9
SMBJ13
14.4
17.6
1.0
13
5.0
25.2
23.8
SMBJ13A
14.4
15.9
1.0
13
5.0
27.9
21.5
SMBJ14
15.6
19.1
1.0
14
5.0
23.3
25.8
SMBJ14A
15.6
17.2
1.0
14
5.0
25.9
23.2
SMBJ15
16.7
20.4
1.0
15
5.0
22.3
26.9
SMBJ15A
16.7
18.5
1.0
15
5.0
24.6
24.4


Similar Part No. - SMBJ90A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ90A JGD-SMBJ90A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ90A SOCAY-SMBJ90A Datasheet
632Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMBJ90A LITTELFUSE-SMBJ90A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Zibo Seno Electronic En...
SMBJ90A ZSELEC-SMBJ90A Datasheet
134Kb / 5P
   5.0 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
SMBJ90A WEITRON-SMBJ90A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMBJ90A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com