Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUD3160LT1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NUD3160LT1G
Description  Industrial Inductive Load Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3160LT1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NUD3160LT1G Datasheet HTML 2Page - ON Semiconductor NUD3160LT1G Datasheet HTML 3Page - ON Semiconductor NUD3160LT1G Datasheet HTML 4Page - ON Semiconductor NUD3160LT1G Datasheet HTML 5Page - ON Semiconductor NUD3160LT1G Datasheet HTML 6Page - ON Semiconductor NUD3160LT1G Datasheet HTML 7Page - ON Semiconductor NUD3160LT1G Datasheet HTML 8Page - ON Semiconductor NUD3160LT1G Datasheet HTML 9Page - ON Semiconductor NUD3160LT1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NUD3160, SZNUD3160
www.onsemi.com
8
Figure 14. Applications Diagram
12 V Battery
+
Micro
Processor
Signal
for
Relay
APPLICATIONS INFORMATION
Relay, Vibrator,
or
Inductive Load
NUD3160
Gate (1)
10 k
100 K
Drain (3)
Source (2)


Similar Part No. - NUD3160LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3160LT1G ONSEMI-NUD3160LT1G Datasheet
85Kb / 9P
   Industrial Inductive Load Driver
November, 2005 ??Rev. 2
logo
VBsemi Electronics Co.,...
NUD3160LT1G VBSEMI-NUD3160LT1G Datasheet
1,004Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NUD3160LT1G ONSEMI-NUD3160LT1G Datasheet
272Kb / 11P
   Industrial Inductive Load Driver
December, 2020 - Rev. 8
More results

Similar Description - NUD3160LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3160 ONSEMI-NUD3160_V01 Datasheet
272Kb / 11P
   Industrial Inductive Load Driver
December, 2020 - Rev. 8
NUD3160 ONSEMI-NUD3160 Datasheet
85Kb / 9P
   Industrial Inductive Load Driver
November, 2005 ??Rev. 2
NUD3124 ONSEMI-NUD3124_05 Datasheet
89Kb / 9P
   Automotive Inductive Load Driver
November, 2005 ??Rev. 10
NUD3124 ONSEMI-NUD3124_16 Datasheet
165Kb / 10P
   Automotive Inductive Load Driver
October, 2016 ??Rev. 13
NUD3124 ONSEMI-NUD3124 Datasheet
80Kb / 10P
   Automotive Inductive Load Driver
June, 2004 ??Rev. 8
SZNUD3124DMT1G ONSEMI-SZNUD3124DMT1G Datasheet
150Kb / 10P
   Automotive Inductive Load Driver
February, 2012 ??Rev. 12
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105_15 Datasheet
375Kb / 10P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3105 ONSEMI-NUD3105_14 Datasheet
96Kb / 10P
   Integrated Relay, Inductive Load Driver
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com