Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV78763DQ0R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV78763DQ0R2G
Description  Power Ballast and Dual LED Driver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV78763DQ0R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV78763DQ0R2G Datasheet HTML 3Page - ON Semiconductor NCV78763DQ0R2G Datasheet HTML 4Page - ON Semiconductor NCV78763DQ0R2G Datasheet HTML 5Page - ON Semiconductor NCV78763DQ0R2G Datasheet HTML 6Page - ON Semiconductor NCV78763DQ0R2G Datasheet HTML 7Page - ON Semiconductor NCV78763DQ0R2G Datasheet HTML 8Page - ON Semiconductor NCV78763DQ0R2G Datasheet HTML 9Page - ON Semiconductor NCV78763DQ0R2G Datasheet HTML 10Page - ON Semiconductor NCV78763DQ0R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
NCV78763
www.onsemi.com
7
Table 4. THERMAL RESISTANCE
Characteristic
Package
Symbol
Value
Unit
Thermal resistance package to Exposed Pad (Note 14)
SSOP36−EP
qJcbot
3.5
°C/W
Thermal resistance package to Exposed Pad (Note 14)
QFN32 7x7
qJcbot
3.4
°C/W
Thermal resistance package to Exposed Pad (Note 14)
QFN32 5x5
qJcbot
3.4
°C/W
14. Includes also typical solder thickness under the Exposed Pad (EP).
ELECTRICAL CHARACTERISTICS NOTE: Unless differently specified, all device Min and Max parameters boundaries are
given for the full supply operating ranges and junction temperature (TJP) range (−40°C; +150°C).
Table 5. VBB: BATTERY SUPPLY INPUT
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Nominal Operating
Supply Range
VBB
5
40
V
Device Current
Consumption
IBB_0
buck regulators off, gate drive off, outputs unloaded
8
mA
Table 6. VDRIVE: SUPPLY FOR BOOSTER MOSFET GATE DRIVE CIRCUIT
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
VDRIVE reg. voltage
from VBB (Note 15)
VDRV_BB_15
VBB − VDRIVE > 1.65 V
@IDRIVE = 25 mA
VDRIVE_ SETPOINT[3:0] =
1111
9.7
10.1
10.7
V
VDRV_BB_00
VBB − VDRIVE > 1.65 V
@IDRIVE = 25 mA
VDRIVE_ SETPOINT[3:0] =
0000
4.8
5
5.3
V
VDRIVE from VBB
increase per code
(Note 15)
DVDRV_BB
Linear increase, 4Bits
0.34
V
VDRIVE reg. voltage
from VBOOST
(Note 15)
VDRV_BST_15
VBOOST − VDRIVE > 3 V
@IDRIVE = 40 mA
VDRIVE_SETPOINT[3:0] =
1111
9.5
10.1
10.7
V
VDRV_BST_00
VBOOST − VDRIVE > 3 V
@IDRIVE = 40 mA
VDRIVE_SETPOINT[3:0] =
0000
4.7
5
5.3
V
VDRIVE from
VBOOST increase per
code (Note 15)
DVDRV_BST
Linear increase, 4 Bits
0.34
V
VDRIVE Output
current limitation from
VBB input
VDRV_BB_IL
40
400
mA
VDRIVE Output
current limitation from
VBOOST input
VDRV_BB_IL
40
200
mA
VDRIVE decoupling
capacitor
CVDRIVE
470
nF
VDRIVE decoupling
capacitor ESR
CVDRIVE_ESR
100
m
W
15. The VDRIVE voltage setpoint is in the same range if the current is either provided by VBB or VBOOST pin. The voltage headroom between
VBB and VDRIVE or VDRIVE and VBOOST needs to be sufficient. For what concerns VDRIVE from VBB, in case of 25 mA current, the
worst case headroom is 1.65V. The VBOOST_AUX regulator can be enabled by SPI (bit VDRIVE_BST_EN[0]).


Similar Part No. - NCV78763DQ0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV78763 ONSEMI-NCV78763 Datasheet
529Kb / 49P
   Power Ballast and Dual LED Driver
February, 2015 ??Rev. 3
More results

Similar Description - NCV78763DQ0R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV78663 ONSEMI-NCV78663 Datasheet
584Kb / 37P
   Power Ballast and Dual LED Driver
August, 2013 ??Rev. 1
NCV78763 ONSEMI-NCV78763 Datasheet
529Kb / 49P
   Power Ballast and Dual LED Driver
February, 2015 ??Rev. 3
logo
List of Unclassifed Man...
BSP3-120 ETC2-BSP3-120 Datasheet
822Kb / 1P
   LED Driver & Ballast Surge Protectors, Enhanced
BSP3-120 ETC2-BSP3-120 Datasheet
861Kb / 3P
   LED Driver & Ballast Surge Protectors, Enhanced
logo
Protek Devices
PBSP-120-20K PROTEC-PBSP-120-20K Datasheet
264Kb / 5P
   3 POLE LED DRIVER & BALLAST PROTECTION MODULE
logo
List of Unclassifed Man...
BSP3-120(LC) ETC2-BSP3-120(LC) Datasheet
765Kb / 1P
   3-Pole LED Driver & Ballast Surge Protectors
logo
Protek Devices
PBSP-120-10K PROTEC-PBSP-120-10K Datasheet
262Kb / 5P
   3 POLE LED DRIVER & BALLAST PROTECTION MODULE
logo
Hubbell Incorporated.
BSP3 HUBBELL-BSP3 Datasheet
795Kb / 2P
   3-Pole LED Driver & Ballast Surge Protectors
Rev 09-30-2019
logo
STMicroelectronics
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
   CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
logo
List of Unclassifed Man...
BSP3-120 ETC2-BSP3-120 Datasheet
761Kb / 1P
   3-Pole LED Driver Ballast Surge Protectors, Enhanced
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com