Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7707 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV7707
Description  Door-Module Driver-IC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7707 Datasheet(HTML) 3 Page - ON Semiconductor

  NCV7707 Datasheet HTML 1Page - ON Semiconductor NCV7707 Datasheet HTML 2Page - ON Semiconductor NCV7707 Datasheet HTML 3Page - ON Semiconductor NCV7707 Datasheet HTML 4Page - ON Semiconductor NCV7707 Datasheet HTML 5Page - ON Semiconductor NCV7707 Datasheet HTML 6Page - ON Semiconductor NCV7707 Datasheet HTML 7Page - ON Semiconductor NCV7707 Datasheet HTML 8Page - ON Semiconductor NCV7707 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
NCV7707, NCV7707B
www.onsemi.com
3
Figure 2. Application Diagram
LIN
CAN
Vbat
Rs
/LED
/LED
OUT10
LED
LED
10W
10W
NCV7707/B
OUT6
OUT4
Low−Side
Switch
OUT5
Low−Side
Switch
High−Side
Switch
High−Side
Switch
VCC
OUT2
OUT3
High−Side
Switch
Low−Side
Switch
Low−Side
Switch
OUT1
Charge Pump
VS
CHP
PWM
Current Sensing
mirror
defroster
GND
OUT11
mirror
x−axis
safe lock
OUT10
OUT9
OUT8
OUT7
ECON
Low−Side
Switch
Power−on Reset
High−Side
Switch
High−Side
Switch
mirror
fold
mirror
y−axis
High−Side
Switch
CAN/LIN SBC
(NCV7462)
mC
LIN
(NCV7321)
Switches
High−Side
Switch
ECFB
ECM
24−bit
Serial
Data
Interface
PWM1
CSB
SCLK
SO
SI
ISOUT/
PWM2
lock
DAC
EC Control
blinker
footstep
light
safety
light
Logic IN
Logic Control
PWM Generator Unit
High−Side
Switch
safety
light
High−Side
Switch
Low−Side
Switch
Low−Side
Switch
High−Side
Switch
High−Side
Switch
Protection:
short circuit
open load
over temperature
VS undervoltage
VS overvoltage
(0.3 W)
(0.15 W)
(0.15 W)
(1.6 W)
(1.6 W)
(0.3 W)
(0.1 W)
(0.3 W)
(0.15 W)
(0.15 W)
(1.6 W)
(1.6 W)
(0.3 W)
(1.6 W)
(1.4 W)
(1.4 W)
(0.3/1.4 W) (0.3/1.4 W)
GND
136
18
19
GND
Figure 3. Pin Connections (Top View)
OUT11
OUT1
OUT2
OUT3
VS
VS
SI
ISOUT/PWM2
CSB
SO
VCC
SCLK
VS
VS
OUT4
OUT4
GND
OUT11
OUT10
OUT9
ECFB
OUT8
OUT7
VS
VS
PWM1
CHP
ECON
VS
VS
OUT6
OUT5
OUT5
GND


Similar Part No. - NCV7707

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7707 ONSEMI-NCV7707 Datasheet
253Kb / 38P
   Door-Module Driver-IC
May, 2014 ??Rev. 2
NCV7707C ONSEMI-NCV7707C Datasheet
314Kb / 38P
   Door-Module Driver-IC
January, 2022 - Rev. 0
NCV7707D ONSEMI-NCV7707D Datasheet
314Kb / 38P
   Door-Module Driver-IC
January, 2022 - Rev. 0
NCV7707DQBR2G ONSEMI-NCV7707DQBR2G Datasheet
259Kb / 38P
   Door-Module Driver-IC
September, 2016 ??Rev. 3
NCV7707DQCR2G ONSEMI-NCV7707DQCR2G Datasheet
314Kb / 38P
   Door-Module Driver-IC
January, 2022 - Rev. 0
More results

Similar Description - NCV7707

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
   Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7710 ONSEMI-NCV7710_16 Datasheet
240Kb / 22P
   Door-Module Driver-IC
April, 2016 ??Rev. 0
NCV7707 ONSEMI-NCV7707_16 Datasheet
259Kb / 38P
   Door-Module Driver-IC
September, 2016 ??Rev. 3
NCV7707 ONSEMI-NCV7707 Datasheet
253Kb / 38P
   Door-Module Driver-IC
May, 2014 ??Rev. 2
NCV7707C ONSEMI-NCV7707C Datasheet
314Kb / 38P
   Door-Module Driver-IC
January, 2022 - Rev. 0
logo
Infineon Technologies A...
TLE8201R INFINEON-TLE8201R Datasheet
598Kb / 45P
   Door Module Power IC
Rev. 2.0 2006-06-07
logo
STMicroelectronics
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
   Door actuator driver
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
   DOOR ACTUATOR DRIVER
July 2004 REV. 3
logo
ON Semiconductor
NCV7705 ONSEMI-NCV7705 Datasheet
269Kb / 38P
   Mirror-Module Driver-IC
January, 2016 ??Rev. 0
NCV7705 ONSEMI-NCV7705_V01 Datasheet
351Kb / 38P
   Mirror-Module Driver-IC
June, 2018 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com