Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7240 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV7240
Description  Octal Low-Side Relay Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7240 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV7240 Datasheet HTML 3Page - ON Semiconductor NCV7240 Datasheet HTML 4Page - ON Semiconductor NCV7240 Datasheet HTML 5Page - ON Semiconductor NCV7240 Datasheet HTML 6Page - ON Semiconductor NCV7240 Datasheet HTML 7Page - ON Semiconductor NCV7240 Datasheet HTML 8Page - ON Semiconductor NCV7240 Datasheet HTML 9Page - ON Semiconductor NCV7240 Datasheet HTML 10Page - ON Semiconductor NCV7240 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
NCV7240, NCV7240A, NCV7240B
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS (3.0 V < VDD < VDDA, 4.5 V < VDDA (Note 7) < 5.5 V, −40
°C v TJ v 150°C, EN = VDD,
LHI = 0 V unless otherwise specified).
Characteristic
Unit
Max
Typ
Min
Conditions
OUTPUT TIMING SPECIFICATIONS
Serial Control
Output turn−on time
All Channels
CSB going high 80% to OUTx going low
20% Vbat ,Vbat = 13.5 V,
IDS = 180 mA resistive load
30
50
ms
Serial Control
Output turn−off time
All Channels
CSB going high 80% to OUTx going high
80% Vbat, Vbat = 13.5 V,
IDS = 180 mA resistive load
30
50
ms
Parallel Control
Output turn−on time
All Channels
INx going high 80% to OUTx going low
20% Vbat, Vbat = 13.5 V,
IDS = 180 mA resistive load
30
50
ms
Parallel Control
Output turn−off time
All Channels
Inx going low 20% to OUTx going high
80% Vbat, Vbat = 13.5 V,
IDS = 180 mA resistive load
30
50
ms
Over Load Shut−Down Delay Time
3
15
50
ms
Open Load Detection Time
30
115
200
ms
DIGITAL INTERFACE CHARACTERISTICS
INPUT CHARACTERISTICS
Digital Input Threshold
(CSB, SI, SCLK, LHI, EN,INx)
0.8
1.4
2.0
V
Digital Input Hysteresis
(CSB, SI, SCLK, INx)
50
175
300
mV
Digital Input Hysteresis
(LHI, EN)
150
400
800
mV
Input Pulldown Resistance
(SI, SCLK, LHI, EN,INx)
Inx = SI = SCLK = LHI = EN = VDD
50
120
190
k
W
Input Pullup Resistance (CSB)
CSB = 0 V
50
120
190
k
W
CSB Leakage to VDD
CSB = 5 V, VDD = 0 V
100
uA
CSB Leakage to VDDA
CSB = 5 V, VDDA = 0 V
100
uA
OUTPUT CHARACTERISTICS
SO – Output High
I(out) = −1.5 mA
VDD
0.4
V
SO – Output Low
I(out) = 2.0 mA
0.6
V
SO Tri−state Leakage
CSB = VDD
−3
0
3
mA
SPI TIMING (all timing specifications measured at 20% and 80% voltage levels)
SCLK Frequency
5
MHz
SCLK Clock Period
200
ns
SCLK High Time
Figure 5, #1
85
ns
SCLK Low Time
Figure 5, #2
85
ns
SI Setup Time
Figure 5, #11
50
ns
SI Hold Time
Figure 5, #12
50
ns
CSB Setup Time
Figure 5, #5, 6
100
ns
CSB High Time
Figure 5, #7
1.5
ms
SCLK Setup Time
Figure 5, #3, 4
85
ns
SO Output Enable Time
(CSB falling to SO valid)
Figure 5, #8, Cload = 50 pF
Not ATE tested
200
ns
SO Output Disable Time
(CSB rising to SO tri−state)
Figure 5, #9
Not ATE tested
200
ns
SO Output Data Valid Time with capacitive load
Figure 5, #10, Cload = 50 pF
Not ATE tested
100
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCV7240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7240 ONSEMI-NCV7240 Datasheet
278Kb / 26P
   Octal Low-Side Relay Driver
July, 2013 ??Rev. 3
NCV7240 ONSEMI-NCV7240 Datasheet
233Kb / 27P
   Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
NCV7240A ONSEMI-NCV7240A Datasheet
233Kb / 27P
   Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
NCV7240ADPR2G ONSEMI-NCV7240ADPR2G Datasheet
233Kb / 27P
   Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
NCV7240B ONSEMI-NCV7240B Datasheet
233Kb / 27P
   Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
More results

Similar Description - NCV7240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7240 ONSEMI-NCV7240_16 Datasheet
233Kb / 27P
   Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
NCV7240DPR2G ONSEMI-NCV7240DPR2G Datasheet
278Kb / 26P
   Octal Low-Side Relay Driver
July, 2013 ??Rev. 3
NCV7754 ONSEMI-NCV7754_17 Datasheet
385Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 2
NCV7754 ONSEMI-NCV7754 Datasheet
373Kb / 26P
   Octal Low-Side Relay Driver
February, 2015 ??Rev. 1
logo
NXP Semiconductors
TJA1010 PHILIPS-TJA1010 Datasheet
105Kb / 16P
   Octal Low Side Driver OLSD
1998 Feb 09
logo
ON Semiconductor
NCV7750 ONSEMI-NCV7750 Datasheet
378Kb / 29P
   Quad Low-Side Relay Driver
December, 2018 ??Rev. 1
NCV7608 ONSEMI-NCV7608 Datasheet
305Kb / 27P
   Octal Configurable Low/High Side Driver
June, 2013 ??Rev. 3
NCV7608 ONSEMI-NCV7608_17 Datasheet
257Kb / 27P
   Octal Configurable Low/High Side Driver
February, 2017 ??Rev. 4
logo
STMicroelectronics
VN808CM STMICROELECTRONICS-VN808CM Datasheet
286Kb / 14P
   LOW THRESHOLD OCTAL HIGH SIDE DRIVER
L9848 STMICROELECTRONICS-L9848 Datasheet
207Kb / 18P
   OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com