Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF26A Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMF26A
Description  Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMF26A Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SMF26A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMF26A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMF26A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMF26A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMF26A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Transient Voltage Suppressor
SMF5V0A--SMF220A
SOD601AA
www.gmesemi.com
Rev.B
Production specification
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)


Similar Part No. - SMF26A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMF26A VISHAY-SMF26A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
RFE international
SMF26A RFE-SMF26A Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor
11-07-2022
logo
DONGGUAN YOU FENG WEI E...
SMF26A YFWDIODE-SMF26A Datasheet
88Kb / 4P
   Surface mounttransient voltage suppressor power 400 watts
logo
Vishay Siliconix
SMF26A VISHAY-SMF26A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Anova Technologies CO.,...
SMF26A ANOVA-SMF26A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMF26A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com