Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ33 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMBJ33
Description  Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ33 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ33 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ33 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ33 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ33 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMBJ33 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMBJ33 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited SMBJ33 Datasheet HTML 7Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Transient Voltage Suppressor
SMBJ5.0--SMBJ440CA
SMB601AA
www.gmesemi.com
Rev.B
Production specification
Features
Low incremental surge resistance,
excellent clamping capability
Low profile package with built-in strain relief
for surface mounted applications
600W peak pulse power capability
with a 10/1000μs
Wave form, repetition rate (duty cycle): 0.01%
Very fast response time
High temperature soldering guaranteed:
250°C/10 seconds at terminals
Mechanical Data
Case: SMB molded plastic
Molding compound, UL flammability classification rating 94V-0
Polarity: Color band denotes cathode end
Devices for Bidirectional Applications
For bi-directional devices, use suffix C or CA (e.g. SMBJ10C, SMBJ10CA). Electrical characteristics
apply in both directions.
Maximum Ratings (@TA = 25°C unless otherwise specified)
NOTES:
1. Non-repetitive current pules, per Fig. 3 and derated above TA=25 per Fig. 2.
2. Mounted on minimum recommended pad layout.
3. Mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pads to each terminal.
Parameter
Symbol
Value
Units
Peak power dissipation with a 10/1000μs waveform
(NOTE 1,2, FIG.1)
PPPM
Minimum 600
W
Peak pulse current with a 10/1000μs waveform (NOTE 1)
IPPM
See Table Below
A
Typical thermal resistance, junction to ambient ( (NOTE 2)
R θ JA
100
℃/W
Peak forward surge current, 8.3ms single half sine-wave
uni-directional only (NOTE 3)
IFSM
100
A
Typical thermal resistance, junction to lead
R θ J L
20
℃/W
Operating junction and storage temperature range
TJ, TSTG
-55---+150


Similar Part No. - SMBJ33

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ33 JGD-SMBJ33 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ33 MICROSEMI-SMBJ33 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ33 SOCAY-SMBJ33 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DAESAN ELECTRONIC CORP.
SMBJ33 DAESAN-SMBJ33 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Jiangsu High diode Semi...
SMBJ33 HDSEMI-SMBJ33 Datasheet
1Mb / 7P
   SMB Plastic-Encapsulate Diodes
More results

Similar Description - SMBJ33

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com