Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ10A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMAJ10A
Description  Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ10A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ10A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ10A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ10A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ10A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMAJ10A Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMAJ10A Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited SMAJ10A Datasheet HTML 7Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Transient Voltage Suppressor
SMAJ5.0--SMAJ440CA
SMA601AA
www.gmesemi.com
Rev.B
Production specification
Electrical Characteristics (@TA = 25°C unless otherwise specified)
Type
Device
marking code
Breakdown
Voltage
VBR@IT
Test
Current
Reverse
Standoff
Voltage
Max.
Reverse
Leakage@
VRWM
Max. Peak
Pulse
Current
Max.
Clamping
Voltage
@IPP
UNI
BI
V
IT
VRWM
IR
IPP
VC
Min
Max
m A
V
u A
A
V
SMAJ5.0
AAD
AWD
6.4
7.81
10
5.0
800
41.7
9.6
SMAJ5.0A
AAE
AWE
6.4
7.08
10
5.0
800
43.5
9.2
SMAJ6.0
AAF
AWF
6.67
8.15
10
6.0
800
35.1
11.4
SMAJ6.0A
AAG
AWG
6.67
7.37
10
6.0
800
38.8
10.3
SMAJ6.5
AAH
AWH
7.22
8.82
10
6.5
500
32.5
12.3
SMAJ6.5A
AAK
AWK
7.22
7.98
10
6.5
500
35.7
11.2
SMAJ6.8
AED
AFD
7.56
9.24
10
6.8
200
33.1
12.1
SMAJ6.8A
AEE
AFE
7.56
8.35
10
6.8
200
36.4
11.0
SMAJ7.0
AAL
AWL
7.78
9.51
10
7.0
200
30.1
13.3
SMAJ7.0A
AAM
AWM
7.78
8.6
10
7.0
200
33.3
12
SMAJ7.5
AAN
AWN
8.33
10.3
1.0
7.5
100
28.0
14.3
SMAJ7.5A
AAP
AWP
8.33
9.21
1.0
7.5
100
31.0
12.9
SMAJ8.0
AAQ
AWQ
8.89
10.9
1.0
8.0
50
26.7
15.0
SMAJ8.0A
AAR
AWR
8.89
9.83
1.0
8.0
50
29.4
13.6
SMAJ8.5
AAS
AWS
9.44
11.5
1.0
8.5
10
25.2
15.9
SMAJ8.5A
AAT
AWT
9.44
10.4
1.0
8.5
10
27.8
14.4
SMAJ9.0
AAU
AWU
10.0
12.2
1.0
9.0
5.0
23.7
16.9
SMAJ9.0A
AAV
AWV
10.0
11.1
1.0
9.0
5.0
26.0
15.4
SMAJ10
AAW
AWW
11.1
13.6
1.0
10
5.0
21.3
18.8
SMAJ10A
AAX
AWX
11.1
12.3
1.0
10
5.0
23.5
17.0
SMAJ11
AAY
AWY
12.2
14.9
1.0
11
5.0
19.9
20.1
SMAJ11A
AAZ
AWZ
12.2
13.5
1.0
11
5.0
22.0
18.2
SMAJ12
ABD
AXD
13.3
16.3
1.0
12
5.0
18.2
22.0
SMAJ12A
ABE
AXE
13.3
14.7
1.0
12
5.0
20.1
19.9
SMAJ13
ABF
AXF
14.4
17.6
1.0
13
5.0
16.8
23.8
SMAJ13A
ABG
AXG
14.4
15.9
1.0
13
5.0
18.6
21.5
SMAJ14
ABH
AXH
15.6
19.1
1.0
14
5.0
15.5
25.8
SMAJ14A
ABK
AXK
15.6
17.2
1.0
14
5.0
17.2
23.2
SMAJ15
ABL
AXL
16.7
20.4
1.0
15
5.0
14.9
26.9
SMAJ15A
ABM
AXM
16.7
18.5
1.0
15
5.0
16.4
24.4


Similar Part No. - SMAJ10A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMAJ10A LUGUANG-SMAJ10A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMAJ10A YANGJIE-SMAJ10A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
SMAJ10A LUGUANG-SMAJ10A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
Revision:20170301-P1
logo
Jinan Gude Electronic D...
SMAJ10A JGD-SMAJ10A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Cystech Electonics Corp...
SMAJ10A CYSTEKEC-SMAJ10A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMAJ10A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com