Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM3106-12SM Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CM3106-12SM
Description  2 Amp Source/ Sink Bus Termination Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3106-12SM Datasheet(HTML) 8 Page - California Micro Devices Corp

Back Button CM3106-12SM Datasheet HTML 3Page - California Micro Devices Corp CM3106-12SM Datasheet HTML 4Page - California Micro Devices Corp CM3106-12SM Datasheet HTML 5Page - California Micro Devices Corp CM3106-12SM Datasheet HTML 6Page - California Micro Devices Corp CM3106-12SM Datasheet HTML 7Page - California Micro Devices Corp CM3106-12SM Datasheet HTML 8Page - California Micro Devices Corp CM3106-12SM Datasheet HTML 9Page - California Micro Devices Corp CM3106-12SM Datasheet HTML 10Page - California Micro Devices Corp CM3106-12SM Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
8
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com 02/02/04
CM3106
Performance Information (cont’d)
Typical Thermal Characteristics (cont’d) (nominal conditions unless otherwise specified)
The theoretical calculations of these relationships
show the safe operating area of the CM3106 in the
SOIC package.
Thermal characteristics were measured using a double
sided board with two square inches of copper area
connected to the GND pins for "heat spreading".
Measurements showing performance up to a junction
temperature of 150°C were performed under light load
conditions (5mA). This allows the ambient temperature
to be representative of the internal junction tempera-
ture.
Note: The use of multi-layer board construction with
separate ground and power planes will further enhance
the overall thermal performance.
Figure 12. Reference Voltage vs. Temperature
Figure 13. VTT Output Voltage vs.Temperature
(5mA load)
Figure 14. AVIN Quiescent Current vs.Temperature


Similar Part No. - CM3106-12SM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM3106-12SM ONSEMI-CM3106-12SM Datasheet
395Kb / 9P
   2 Amp Source/ Sink Bus Termination Regulator
April, 2011 ??Rev. 3
More results

Similar Description - CM3106-12SM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM3106 ONSEMI-CM3106 Datasheet
395Kb / 9P
   2 Amp Source/ Sink Bus Termination Regulator
April, 2011 ??Rev. 3
NCP51199 ONSEMI-NCP51199 Datasheet
80Kb / 7P
   DDR 2-Amp Source / Sink Termination Regulator
March, 2014 ??Rev. 2
NCP51199 ONSEMI-NCP51199_17 Datasheet
80Kb / 8P
   DDR 2-Amp Source / Sink VTT Termination Regulator
April, 2017 ??Rev. 3
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1270 A-POWER-AP1270 Datasheet
122Kb / 7P
   3A SINK/SOURCE BUS TERMINATION REGULATOR
AP1270AMP A-POWER-AP1270AMP_16 Datasheet
359Kb / 7P
   2.5A SINK/SOURCE BUS TERMINATION REGULATOR
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
   2A Sink/Source Bus Termination Regulator
AP1270AMP A-POWER-AP1270AMP_14 Datasheet
151Kb / 5P
   2.5A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1210MP A-POWER-AP1210MP Datasheet
157Kb / 5P
   2.5A SINK/SOURCE BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com