Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ6.8 Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMAJ6.8
Description  Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ6.8 Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ6.8 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ6.8 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ6.8 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ6.8 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMAJ6.8 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMAJ6.8 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited SMAJ6.8 Datasheet HTML 7Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Transient Voltage Suppressor
SMAJ5.0--SMAJ440CA
SMA601AA
www.gmesemi.com
Rev.B
Production specification
Type
Device
marking code
Breakdown
Voltage
VBR@IT
Test
Current
Reverse
Standoff
Voltage
Max.
Reverse
Leakage@
VRWM
Max. Peak
Pulse
Current
Max.
Clamping
Voltage
@IPP
UNI
BI
V
IT
VRWM
IR
IPP
VC
Min
Max
m A
V
u A
A
V
SMAJ51
ACY
AYY
56.7
69.3
1.0
51
5.0
4.4
91.1
SMAJ51A
ACZ
AYZ
56.7
62.7
1.0
51
5.0
4.9
82.4
SMAJ54
ARD
AZD
60.0
73.3
1.0
54
5.0
4.2
96.3
SMAJ54A
ARE
AZE
60.0
66.3
1.0
54
5.0
4.6
87.1
SMAJ56
ATY
AUY
62.2
76
1
56
5
4.0
99.9
SMAJ56A
ATZ
AUZ
62.2
68.8
1
56
5
4.4
90.3
SMAJ58
ARF
AZF
64.4
78.7
1.0
58
5.0
3.9
103
SMAJ58A
ARG
AZG
64.4
71.2
1.0
58
5.0
4.3
93.6
SMAJ60
ARH
AZH
66.7
81.5
1.0
60
5.0
3.7
107
SMAJ60A
ARK
AZK
66.7
73.7
1.0
60
5.0
4.1
96.8
SMAJ63
ARL
AZL
69.9
85.4
1.0
63
5.0
3.5
112.8
SMAJ63A
ARM
AZM
69.9
77.2
1.0
63
5.0
3.9
102.1
SMAJ64
ARN
AZN
71.1
86.9
1.0
64
5.0
3.5
114
SMAJ64A
ARP
AZP
71.1
78.6
1.0
64
5.0
3.9
103
SMAJ70
AEH
AFH
77.8
95.1
1.0
70
5.0
3.2
125
SMAJ70A
AEK
AFK
77.8
86.0
1.0
70
5.0
3.5
113
SMAJ75
ARQ
AZQ
83.3
102
1.0
75
5.0
3.0
134
SMAJ75A
ARR
AZR
83.3
92.1
1.0
75
5.0
3.3
121
SMAJ78
ARS
AZS
86.7
106
1.0
78
5.0
2.9
139
SMAJ78A
ART
AZT
86.7
95.8
1.0
78
5.0
3.2
126
SMAJ85
ARU
AZU
94.4
115
1.0
85
5.0
2.6
151
SMAJ85A
ARV
AZV
94.4
104
1.0
85
5.0
2.9
137
SMAJ90A
ARX
AZX
100
111
1.0
90
5.0
2.7
146
SMAJ100
ARY
AZY
111
136
1.0
100
5.0
2.2
179
SMAJ100A
ARZ
AZZ
111
123
1.0
100
5.0
2.5
162
SMAJ110
ASD
AVD
122
149
1.0
110
5.0
2.0
196
SMAJ110A
ASE
AVE
122
135
1.0
110
5.0
2.3
177
SMAJ120
ASF
AVF
133
163
1.0
120
5.0
1.9
214
SMAJ120A
ASG
AVG
133
147
1.0
120
5.0
2.1
193
SMAJ130
ASH
AVH
144
176
1.0
130
5.0
1.7
231
SMAJ130A
ASK
AVK
144
159
1.0
130
5.0
1.9
209


Similar Part No. - SMAJ6.8

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMAJ6.8A SUNMATE-SMAJ6.8A Datasheet
201Kb / 2P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
logo
DONGGUAN YOU FENG WEI E...
SMAJ6.8A YFWDIODE-SMAJ6.8A Datasheet
510Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Shanghai Leiditech Elec...
SMAJ6.8A LEIDITECH-SMAJ6.8A Datasheet
909Kb / 5P
   TVS diodes can be used in a wide range of applications which like consumer electronic products
logo
Guangdong Youtai Semico...
SMAJ6.8A UMW-SMAJ6.8A Datasheet
783Kb / 4P
   5.0V-188V 400W
logo
SUNMATE electronic Co.,...
SMAJ6.8CA SUNMATE-SMAJ6.8CA Datasheet
201Kb / 2P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results

Similar Description - SMAJ6.8

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com