Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ5.0 Datasheet(PDF) 7 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMBJ5.0
Description  Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ5.0 Datasheet(HTML) 7 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ5.0_17 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ5.0_17 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ5.0_17 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ5.0_17 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMBJ5.0_17 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMBJ5.0_17 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited SMBJ5.0_17 Datasheet HTML 7Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Transient Voltage Suppressor
SMBJ5.0--SMBJ440CA
SMB601AA
www.gmesemi.com
Rev.B
Production specification
Package Outline Dimensions(unit:mm)
Mounting Pad Layout(unit:mm)
Ordering Information
Part No.
Package
Shipping
SMBJ5.0-SMBJ440CA
SMB
3000 /Tape&Reel


Similar Part No. - SMBJ5.0_17

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SMBJ5.0-188A BWTECH-SMBJ5.0-188A Datasheet
579Kb / 7P
   Stand-off Voltage 5.0 to 188V
logo
Taiwan Semiconductor Co...
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Micro Commercial Compon...
SMBJ5.0 MCC-SMBJ5.0_11 Datasheet
323Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Galaxy Semi-Conductor H...
SMBJ5.0 BILIN-SMBJ5.0_12 Datasheet
261Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
SMBJ5.0 GOOD-ARK-SMBJ5.0_15 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 600W Stand-off Voltage 5.0 to 440V
More results

Similar Description - SMBJ5.0_17

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com