Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143TUA Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # DTC143TUA
Description  Digital Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DTC143TUA Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  DTC143TUA Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DTC143TUA Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited DTC143TUA Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited DTC143TUA Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
Digital Transistor
DTC(R1-only SERIES)UA
F074
www.gmesemi.com
Rev.A
1
FEATURES
Epitaxial planar die construction.
Complementary PNP types available(DTA).
Built-in biasing resistor,R1 only.
Also available in lead free version.
APPLICATIONS
The NPN style digital transistor.
SOT-323
ORDERING INFORMATION
Type No.
Marking
Package Code
DTC143TUA
43
SOT-323
DTC114TUA
04
SOT-323
DTC144TUA
06
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC(Max.)
Collector Current
100
mA
PD
Power Dissipation
200
mW
RθJA
Thermal Resistance, Junction to Ambient Air
625
/W
TJ,TSTG
Operating and Storage and Temperature Range
-55 to +150
Pb
Lead-free


Similar Part No. - DTC143TUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143TUA ROHM-DTC143TUA Datasheet
85Kb / 4P
   Digital transistors (built-in resistor)
logo
Micro Commercial Compon...
DTC143TUA MCC-DTC143TUA Datasheet
199Kb / 3P
   NPN Digital Transistor
logo
Jiangsu Changjiang Elec...
DTC143TUA JIANGSU-DTC143TUA Datasheet
115Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143TUA SECOS-DTC143TUA Datasheet
206Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC143TUA ROHM-DTC143TUA Datasheet
144Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
More results

Similar Description - DTC143TUA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Bruckewell Technology L...
TA114ECA BWTECH-TA114ECA Datasheet
387Kb / 5P
   Digital Transistor
logo
Unisonic Technologies
DTA114E UTC-DTA114E_15 Datasheet
263Kb / 3P
   DIGITAL TRANSISTOR
logo
Rohm
DTA013Z ROHM-DTA013Z_16 Datasheet
1Mb / 10P
   Digital Transistor
logo
Galaxy Semi-Conductor H...
DTC144ECA BILIN-DTC144ECA Datasheet
159Kb / 3P
   Digital Transistor
logo
Micro Commercial Compon...
UMC4N MCC-UMC4N Datasheet
463Kb / 3P
   DIGITAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
DTA114EUA BILIN-DTA114EUA Datasheet
110Kb / 4P
   Digital Transistor
DTC114EE BILIN-DTC114EE Datasheet
108Kb / 3P
   Digital Transistor
DTC114EUA BILIN-DTC114EUA Datasheet
172Kb / 4P
   Digital Transistor
DTA143XCA BILIN-DTA143XCA Datasheet
177Kb / 5P
   Digital Transistor
DTA124ECA BILIN-DTA124ECA_08 Datasheet
176Kb / 4P
   Digital Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com