Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114TE Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # DTA114TE
Description  Digital Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DTA114TE Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  DTA114TE Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DTA114TE Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited DTA114TE Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Digital Transistor
DTAXXXTE
H037
www.gmesemi.com
Rev.A
1
FEATURES
Epitaxial planar die construction.
Complementary NPN types available(DTC).
Built-in biasing resistors,R1only.
Also available in lead free version.
APPLICATIONS
The PNP style digital transistor.
SOT-523
ORDERING INFORMATION
Type No.
Marking
Package Code
DTA114TE
94
SOT-523
DTA143TE
93
SOT-523
DTA144TE
96
SOT-523
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-5
V
IC(Max.)
Collector Current
-100
mA
PD
Power Dissipation
150
mW
RθJA
Thermal Resistance, Junction to Ambient Air
625
℃/W
Tj,Tstg
Operating and Storage and Temperature Range
-55 to +150
Pb
Lead-free


Similar Part No. - DTA114TE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114TE ROHM-DTA114TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
DTA114TE ROHM-DTA114TE Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
DTA114TE JIANGSU-DTA114TE Datasheet
78Kb / 2P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA114TE TSC-DTA114TE Datasheet
97Kb / 2P
   PNP Digital Transistor
logo
Weitron Technology
DTA114TE WEITRON-DTA114TE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results

Similar Description - DTA114TE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Bruckewell Technology L...
TA114ECA BWTECH-TA114ECA Datasheet
387Kb / 5P
   Digital Transistor
logo
Unisonic Technologies
DTA114E UTC-DTA114E_15 Datasheet
263Kb / 3P
   DIGITAL TRANSISTOR
logo
Rohm
DTA013Z ROHM-DTA013Z_16 Datasheet
1Mb / 10P
   Digital Transistor
logo
Galaxy Semi-Conductor H...
DTC144ECA BILIN-DTC144ECA Datasheet
159Kb / 3P
   Digital Transistor
logo
Micro Commercial Compon...
UMC4N MCC-UMC4N Datasheet
463Kb / 3P
   DIGITAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
DTA114EUA BILIN-DTA114EUA Datasheet
110Kb / 4P
   Digital Transistor
DTC114EE BILIN-DTC114EE Datasheet
108Kb / 3P
   Digital Transistor
DTC114EUA BILIN-DTC114EUA Datasheet
172Kb / 4P
   Digital Transistor
DTA143XCA BILIN-DTA143XCA Datasheet
177Kb / 5P
   Digital Transistor
DTA124ECA BILIN-DTA124ECA_08 Datasheet
176Kb / 4P
   Digital Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com