Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHLESBRYN Datasheet(PDF) 3 Page - CIT Relay & Switch

Part # FHLESBRYN
Description  Illuminated Pushbutton - 12mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

FHLESBRYN Datasheet(HTML) 3 Page - CIT Relay & Switch

  FHLESBRYN Datasheet HTML 1Page - CIT Relay & Switch FHLESBRYN Datasheet HTML 2Page - CIT Relay & Switch FHLESBRYN Datasheet HTML 3Page - CIT Relay & Switch FHLESBRYN Datasheet HTML 4Page - CIT Relay & Switch FHLESBRYN Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 3
Illuminated Pushbutton - 12mm
FH
Dimensions - Momentary
M12x0.75
14.00
[.55]
16.00
[.63]
13.93
[.55]
1.48
[.06]
18.11
[.71]
6.50 MAX
[.26]
1.94 TYP
[.08]
M12x0.75
14.00
[.55]
16.00
[.63]
13.93
[.55]
1.48
[.06]
6.50 MAX
[.26]
18.11
[.71]
19.09
[.75]
Ø9.25
[.36]
ILLUMINATED RING
1.94 TYP
[ 08]
Ø7.30
[.29]
M12x0.75
16.00
[.63]
14.00
[.55]
Ø3.41
[.13]
ILLUMINATED DOT
13.93
[.55]
1.48
[.06]
18.11
[.71]
19.09
[.75]
6.50 MAX
[.26]
1.94 TYP
[ 08]
AB
C
M12x0.75
14.00
[.55]
6.50 MAX
[.26]
13.93
[.55]
Ø8.85
[.35]
1.48
[.06]
1.45
[.06]
18.11
[.71]
16.00
[.63]
1.94 TYP
[.08]
M12x0.75
Ø9.25
[.36]
ILLUMINATED RING
Ø7.30
[.29]
13.93
[.55]
1.48
[.06]
1.45
[.06]
18.11
[.71]
6.50 MAX
[.26]
19.09
[.75]
14.00
[.55]
16.00
[.63]
194 TYP
M12x0.75
Ø9.00
[.35]
Ø3.41
[.13]
ILLUMINATED DOT
13.93
[.55]
1.45
[.06]
1.48
[.06]
19.09
[.75]
18.11
[.71]
6.50 MAX
[.26]
14.00
[.55]
16.00
[.63]
1.94 TYP
DE
F


Similar Part No. - FHLESBRYN

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FHL10U COOPER-FHL10U Datasheet
58Kb / 1P
   Military Fuseholders Panel Mount-Lamp Indicating
FHL10U COOPER-FHL10U Datasheet
58Kb / 1P
   Military Fuseholders Panel Mount-Lamp Indicating
FHL12U COOPER-FHL12U Datasheet
51Kb / 1P
   Military Fuseholders Panel Mount-Lamp Indicating
logo
Littelfuse
FHLM0200Z LITTELFUSE-FHLM0200Z Datasheet
419Kb / 1P
   ADD-A-CIRCUIT MINI/MICRO2 FUSE HOLDER
FHLM0200Z LITTELFUSE-FHLM0200Z Datasheet
211Kb / 1P
   MINI짰 ADD-A-CIRCUIT짰 SERIES FUSE HOLDER FOR MINI짰, LOW PROFILE MINI짰, OR MICRO2짰 FUSES
2021
More results

Similar Description - FHLESBRYN

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
E-SWITCH
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
   ILLUMINATED PUSHBUTTON
logo
Schneider Electric
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST06 SCHNEIDER-XB5AWCUST06 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
XB5AWCUST10 SCHNEIDER-XB5AWCUST10 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com