Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DH22U2LBSG220 Datasheet(PDF) 5 Page - CIT Relay & Switch

Part # DH22U2LBSG220
Description  UL Approved Illuminated Pushbutton
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DH22U2LBSG220 Datasheet(HTML) 5 Page - CIT Relay & Switch

  DH22U2LBSG220 Datasheet HTML 1Page - CIT Relay & Switch DH22U2LBSG220 Datasheet HTML 2Page - CIT Relay & Switch DH22U2LBSG220 Datasheet HTML 3Page - CIT Relay & Switch DH22U2LBSG220 Datasheet HTML 4Page - CIT Relay & Switch DH22U2LBSG220 Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Aluminum Anti-Vandal Switch Housing
AVH
Features
Ordering Information
1. Series
AVH
F
4
22
AVH
2. Mounting Options:
F = With mounting flange
T = Without mounting flange
3. Number of Positions:
1 = 1 position
2 = 2 positions
3 = 3 positions
4 = 4 positions
5 = 5 positions
Contact Factory for custom sizes and number of positions
4. Hole Size:
22 = 22mm diameter
Dimensions
L + 77.5 [3.05]
L
L + 66.5 [2.62]
L+87.5 [3.44]
45.00
[1.77]
49.90
[1.96]
2X 5.60
[.22]
ØX
[.49]
KNOCKOUT
Ø12.35
L
L + 66.5 [2.62]
45.00
[1.77]
45.00
[1.77]
[.49]
KNOCKOUT
ØX
Ø12.35
FT
◆ Easy installation
◆ Multiple size options
◆ Aluminum housing


Similar Part No. - DH22U2LBSG220

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
DH22 CIT-DH22 Datasheet
1Mb / 13P
   Illuminated Pushbutton - 22, 25 & 30mm
DH Rev C 11/2022
DH221HLABBNT CIT-DH221HLABBNT Datasheet
1Mb / 13P
   Illuminated Pushbutton - 22, 25 & 30mm
DH Rev C 11/2022
DH221HLABBZT CIT-DH221HLABBZT Datasheet
1Mb / 13P
   Illuminated Pushbutton - 22, 25 & 30mm
DH Rev C 11/2022
DH221HLABGBZT CIT-DH221HLABGBZT Datasheet
1Mb / 13P
   Illuminated Pushbutton - 22, 25 & 30mm
DH Rev C 11/2022
DH221HLABGNT CIT-DH221HLABGNT Datasheet
1Mb / 13P
   Illuminated Pushbutton - 22, 25 & 30mm
DH Rev C 11/2022
More results

Similar Description - DH22U2LBSG220

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
AHU CIT-AHU Datasheet
308Kb / 6P
   UL Approved Illuminated Pushbutton
DHU CIT-DHU Datasheet
544Kb / 11P
   UL Approved Illuminated Pushbutton
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
   ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
   ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
C&K Components
PBA CK-COMPONENTS-PBA Datasheet
231Kb / 3P
   Illuminated Pushbutton
logo
Schneider Electric
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
   ILLUMINATED PUSHBUTTON
logo
E-SWITCH
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
   ILLUMINATED PUSHBUTTON
logo
Schneider Electric
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
   ILLUMINATED PUSHBUTTON
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com