Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUZ902 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BUZ902
Description  N CHANNEL POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BUZ902 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BUZ902 Datasheet HTML 1Page - List of Unclassifed Manufacturers BUZ902 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEC
MAGNA
Magnatec. Telephone (01455) 554711. Fax (01455) 558843
Prelim. 01/97
BUZ902P
BUZ903P
VDSX
Drain – Source Voltage
VGSS
Gate – Source Voltage
ID
Continuous Drain Current
ID(PK)
Body Drain Diode
PD
Total Power Dissipation
@ Tcase = 25°C
Tstg
Storage Temperature Range
Tj
Maximum Operating Junction Temperature
RθJC
Thermal Resistance Junction – Case
±14V
8A
8A
125W
–55 to 150°C
150°C
1°C/W
MECHANICAL DATA
Dimensions in mm
1
3
2
3.55 (0.140)
3.81 (0.150)
0.40 (0.016)
0.79 (0.031)
2.21 (0.087)
2.59 (0.102)
1.01 (0.040)
1.40 (0.055)
15.49 (0.610)
16.26 (0.640)
4.69 (0.185)
5.31 (0.209)
1.49 (0.059)
2.49 (0.098)
1.65 (0.0 65)
2.13 (0.0 84)
5.25 ( 0.215)
BSC
2.87 (0.1 13)
3.12 (0.1 23)
N–CHANNEL
POWER MOSFET
FEATURES
• HIGH SPEED SWITCHING
• SEMEFAB DESIGNED AND DIFFUSED
• HIGH VOLTAGE (220V & 250V)
• HIGH ENERGY RATING
• ENHANCEMENT MODE
• INTEGRAL PROTECTION DIODES
• COMPLIMENTARY P–CHANNEL
BUZ907P & BUZ908P
Pin 1 – Gate
TO-247
Pin 2 – Source
Case – Source
Pin 3 – Drain
ABSOLUTE MAXIMUM RATINGS
(Tcase = 25°C unless otherwise stated)
POWER MOSFETS FOR
AUDIO APPLICATIONS
BUZ902P
220V
BUZ903P
250V


Similar Part No. - BUZ902

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ90 SIEMENS-BUZ90 Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Inchange Semiconductor ...
BUZ90 ISC-BUZ90 Datasheet
65Kb / 2P
   Easy driver for cost effective application
logo
List of Unclassifed Man...
BUZ900 ETC1-BUZ900 Datasheet
43Kb / 4P
   N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
BUZ900 NJSEMI-BUZ900 Datasheet
82Kb / 2P
   N-CHANNEL POWER MOSFET
logo
List of Unclassifed Man...
BUZ900DP ETC-BUZ900DP Datasheet
45Kb / 3P
   N-CHANNEL POWER MOSFET
More results

Similar Description - BUZ902

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com