Electronic Components Datasheet Search |
|
DH22U1NBSY220 Datasheet(PDF) 1 Page - CIT Relay & Switch |
|
DH22U1NBSY220 Datasheet(HTML) 1 Page - CIT Relay & Switch |
1 / 5 page page 1 www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 Specifications and availability subject to change without notice. Dimensions shown in mm. Dimensions are shown for reference purposes only. UL Approved Illuminated Pushbutton DH22U Actuation Force 200 ±50gF SPDT 250 ±50gF DPDT Actuation Travel 3.2 ± .25mm Dielectric Strength 2,000Vrms min between contacts Insulation Resistance ≥ 1,000MΩ min @ 500VDC Sealing Degree IP65 Operating Temperature -20ºC to 55ºC Storage Temperature -20ºC to 55ºC Electrical Ratings 3A @ 125VAC, 65˚C, 50K cycles 3A @ 250VAC, 65˚C, 50K cycles Electrical Life 50,000 cycles typical Mechanical Life 1,000,000 cycles typical momentary 500,000 cycles typical latching Contact Resistance ≤ 50mΩ initial Actuator Stainless Steel, Anodized Aluminum LED Lens Polycarbonate (PC) Threaded Body Stainless Steel, Anodized Aluminum Terminal Support Polybutylene Terephthalate (PBT) Inner Switch Body Polybutylene Terephthalate (PBT) Contacts Silver plated Copper Alloy Terminals Silver plated Copper Alloy Hardware One Hex Nut & One “O” Ring Supplied Materials Specifications RoHS Compliant 1. Series DH22U 1 N B S R 12 DH22U 2. Number of Poles 1 = SPDT 2 = DPDT 3. Latching Option N = Momentary L = Latching 4. Actuator Style: A = Flush actuator, non-illuminated B = Flush actuator, ring illuminated 5. Switch Finish S = Stainless Steel B = Black Anodized Aluminum 6. First LED Color Z = No LED R = Red Y = Yellow G = Green B = Blue W = White 7. LED Voltage Z = No LED 24 = 24V 6 = 6V 110 = 110V 12 = 12V 220 = 220V N = No internal resistor in series with the LED Ordering Information E222871 |
Similar Part No. - DH22U1NBSY220 |
|
Similar Description - DH22U1NBSY220 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |